Electronic Components Datasheet Search
  English  ▼

X  

SPSPW Datasheet(PDF) 1 Page - Wall Industries,Inc.

Part # SPSPW
Description  Isolated and Regulated
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WALL [Wall Industries,Inc.]
Direct Link  http://www.wallindustries.com
Logo WALL - Wall Industries,Inc.

SPSPW Datasheet(HTML) 1 Page - Wall Industries,Inc.

  SPSPW Datasheet HTML 1Page - Wall Industries,Inc. SPSPW Datasheet HTML 2Page - Wall Industries,Inc. SPSPW Datasheet HTML 3Page - Wall Industries,Inc. SPSPW Datasheet HTML 4Page - Wall Industries,Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Rev F
SP & SPW SERIES
Single Output
Up to 100 Watts
Half Brick DC/DC Converter
11/14/2016
Wall Industries, Inc. • 37 Industrial Drive, Exeter, NH 03833 • Tel: 603-778-2300 • Toll Free: 888-597-9255 •
Fax 603-778-9797
website: www.wallindustries.com • e-mail: sales@wallindustries.com
Page 1 of 4
Size: 2.28in x 2.4in x 0.5in
(57.91mm x 60.96mm x 12.7mm)
FEATURES
• 100% Burn In
• Wide Input Voltage Range
• Fixed Operating Switching Frequency
• 50, 66, 75, and 100 Watt Output Rating from Same
Package
• CE Mark
• Isolated and Regulated
• Short Circuit and Over Voltage Protected
• Input and Output Filtering Integral to Supply
• UL1950, cUL950, TUV EN60950 File E155800
• Industry Standard Package (2.28” x 2.4” x 0.5”) and
Footprint
DESCRIPTION
The SP & SPW series of single output half brick DC/DC converters offers up to 100 watts of output power in an industry
standard package and footprint. It is intended to provide power and isolation for pc board and chassis mount applications
requiring high power density. Some features include wide input voltage ranges, positive or negative remote on/off, remote
sense, output trim, short circuit protection, and over voltage protection. Being encapsulated, these supplies have improved
thermal dissipation and protection for ruggedized environments. All models are 100% burned-in.
MODEL SELECTION TABLE
Model Number
Input Voltage Range
Output Voltage
Output Current
Output Power
SP24S3.3-66
24VDC
(18-36VDC)
3.3V
20A
66W
SP24S3.3-75
3.3V
22.7A
75W
SP24S5-50
5V
10A
50W
SP24S5-75
5V
15A
75W
SP24S5-100
5V
20A
100W
SP24S12-50
12V
4.16A
50W
SP24S12-75
12V
6.25A
75W
SP24S12-100
12V
8.33A
100W
SP24S15-50
15V
3.33A
50W
SP24S15-75
15V
5A
75W
SP24S15-100
15V
6.66A
100W
SP24S24-50
24V
2.08A
50W
SP24S24-75
24V
3.12A
75W
SP24S24-100
24V
4.17A
100W
SP24S48-50
48V
1.04A
50W
SP24S48-75
48V
1.56A
75W
SP24S48-100
48V
2.08A
100W
SP48S3.3-66
48VDC
(36-75VDC)
3.3V
20A
66W
SP48S3.3-75
3.3V
22.7A
75W
SP48S5-50
5V
10A
50W
SP48S5-75
5V
15A
75W
SP48S5-100
5V
20A
100W
SP48S6-50
6V
8.33A
50W
SP48S6-75
6V
12.5A
75W
SP48S6-100
6V
16.67A
100W
SP48S12-50
12V
4.16A
50W
SP48S12-75
12V
6.25A
75W
SP48S12-100
12V
8.33A
100W
SP48S15-50
15V
3.33A
50W
SP48S15-75
15V
5A
75W
SP48S15-100
15V
6.66A
100W
SP48S24-50
24V
2.08A
50W
SP48S24-75
24V
3.12A
75W
SP48S24-100
24V
4.17A
100W
SP48S28-100
28V
3.57A
100W
SP48S48-50
48V
1.04A
50W
SP48S48-75
48V
1.56A
75W
SP48S48-100
48V
2.08A
100W
SPW48S3.3-66
48VDC
(18-75VDC)
3.3V
20A
66W
SPW48S3.3-75
3.3V
22.7A
75W
SPW48S5-50
5V
10A
50W
SPW48S5-75
5V
15A
75W
SPW48S5-100
5V
20A
100W
SPW48S9-50
9V
5.56A
50W
SPW48S12-50
12V
4.16A
50W
SPW48S12-75
12V
6.25A
75W
SPW48S12-100
12V
8.33A
100W
SPW48S15-50
15V
3.33A
50W
SPW48S15-75
15V
5A
75W
SPW48S15-100
15V
6.67A
100W
SPW48S24-50
24V
2.08A
50W
SPW48S24-75
24V
3.12A
75W
SPW48S24-100
24V
4.16A
100W
SPW48S28-100
28V
3.57A
100W
SPW48S48-50(10)
48V
1.04A
50W


Similar Part No. - SPSPW

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
SPSPFE3-02G BEL-SPSPFE3-02G Datasheet
1Mb / 14P
Modules are hot-swap capable.
SPSPFE3-03G BEL-SPSPFE3-03G Datasheet
1Mb / 14P
Modules are hot-swap capable.
SPSPFE3-04G BEL-SPSPFE3-04G Datasheet
949Kb / 14P
Power Shelf
SPSPFE3-05G BEL-SPSPFE3-05G Datasheet
1Mb / 17P
Two separate DC inputs, one DC inlet powers 3 power modules.
SPSPFE3-06G BEL-SPSPFE3-06G Datasheet
1Mb / 17P
Two separate DC inputs, one DC inlet powers 3 power modules.
More results

Similar Description - SPSPW

ManufacturerPart #DatasheetDescription
logo
Vicor Corporation
MDCM28AP240M320A50 VICOR-MDCM28AP240M320A50 Datasheet
1Mb / 25P
Isolated, Regulated DC Converter
MDCM28AP480M320A50 VICOR-MDCM28AP480M320A50 Datasheet
1Mb / 25P
Isolated, Regulated DC Converter
logo
Volgen Kaga Electronics...
PM-500A33 VOLGEN-PM-500A33 Datasheet
84Kb / 2P
Non Isolated & Regulated
PM-1000B033 VOLGEN-PM-1000B033 Datasheet
80Kb / 2P
Non Isolated & Regulated
logo
Vicor Corporation
DCM2322XA5N13A2Y6Z VICOR-DCM2322XA5N13A2Y6Z Datasheet
2Mb / 31P
Isolated, Regulated DC Converter
DCM2322XA5N17A2Y6Z VICOR-DCM2322XA5N17A2Y6Z Datasheet
2Mb / 31P
Isolated, Regulated DC Converter
DCM2322X50T5360Y6Z VICOR-DCM2322X50T5360Y6Z Datasheet
2Mb / 31P
Isolated, Regulated DC Converter
DCM2322X72S0435Y6Z VICOR-DCM2322X72S0435Y6Z Datasheet
2Mb / 31P
Isolated, Regulated DC Converter
DCM2322X72S26A0Y6Z VICOR-DCM2322X72S26A0Y6Z Datasheet
2Mb / 31P
Isolated, Regulated DC Converter
DCM2322X72S31A0Y6Z VICOR-DCM2322X72S31A0Y6Z Datasheet
2Mb / 31P
Isolated, Regulated DC Converter
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com