Electronic Components Datasheet Search
  English  ▼

X  

2N7370 Datasheet(PDF) 1 Page - Microsemi Corporation

Part # 2N7370
Description  NPN DARLINGTON HIGH POWER SILICON TRANSISTOR
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

2N7370 Datasheet(HTML) 1 Page - Microsemi Corporation

  2N7370 Datasheet HTML 1Page - Microsemi Corporation 2N7370 Datasheet HTML 2Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
TECHNICAL DATA
NPN DARLINGTON HIGH POWER SILICON TRANSISTOR
Qualified per MIL-PRF-19500/624
Devices
Qualified Level
2N7370
JAN
JANTX
JANTXV
MAXIMUM RATINGS
Ratings
Symbol
Value
Units
Collector-Emitter Voltage
VCEO
100
Vdc
Collector-Base Voltage
VCBO
100
Vdc
Emitter-Base Voltage
VEBO
5.0
Vdc
Base Current
IB
0.2
Adc
Collector Current
IC
12
Adc
Total Power Dissipation @ TC = +25
0C (1)
PT
100
W
Operating & Storage Junction Temperature Range
TJ, Tstg
-65 to +175
0C
THERMAL CHARACTERISTICS
Characteristics
Symbol
Max.
Unit
Thermal Resistance, Junction-to-Case
RθJC
1.5
0C/W
1)
Derate linearly 0.667 W/
0C above TC > +250C
TO-254*
*See Appendix A for
package outline
ELECTRICAL CHARACTERISTICS (TC = 25
0C unless otherwise noted)
Characteristics
Symbol
Min.
Max.
Unit
OFF CHARACTERISTICS
Collector-Emitter Breakdown Voltage
IC = 100 mAdc
VCEO(sus)
100
Vdc
Collector-Emitter Cutoff Current
VCE = 50 Vdc
ICEO
1.0
mAdc
Collector-Emitter Cutoff Current
VCE = 100 Vdc, VBE = 1.5 Vdc
ICEX
0.5
mAdc
Emitter-Base Cutoff Current
VEB = 5.0 Vdc
IEBO
2.0
mAdc
6 Lake Street, Lawrence, MA 01841
1-800-446-1158 / (978) 794-1666 / Fax: (978) 689-0803
120101
Page 1 of 2


Similar Part No. - 2N7370

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
2N7371 MICROSEMI-2N7371 Datasheet
55Kb / 2P
PNP DARLINGTON HIGH POWER SILICON TRANSISTOR
logo
New Jersey Semi-Conduct...
2N7371 NJSEMI-2N7371 Datasheet
169Kb / 2P
PNP DARLINGTON HIGH POWER SILICON TRANSISTOR
logo
Microsemi Corporation
2N7372 MICROSEMI-2N7372 Datasheet
56Kb / 3P
Complimentary Power Transistors in Hermetic Isolated TO-254AA Packages
2N7372 MICROSEMI-2N7372 Datasheet
102Kb / 2P
PNP POWER SILICON SWITCHING TRANSISTOR
2N7372 MICROSEMI-2N7372_1 Datasheet
102Kb / 2P
PNP POWER SILICON SWITCHING TRANSISTOR
More results

Similar Description - 2N7370

ManufacturerPart #DatasheetDescription
logo
NEC
2SD1630 NEC-2SD1630 Datasheet
125Kb / 2P
NPN SILICON DARLINGTON POWER TRANSISTOR
logo
Microsemi Corporation
JANTX2N6284 MICROSEMI-JANTX2N6284 Datasheet
64Kb / 2P
NPN DARLINGTON POWER SILICON TRANSISTOR
logo
Micro Commercial Compon...
2N6045 MCC-2N6045 Datasheet
470Kb / 2P
NPN Silicon Power Darlington Transistor
TIP110 MCC-TIP110_11 Datasheet
234Kb / 2P
Silicon NPN Darlington Power Transistor
logo
Central Semiconductor C...
BD675 CENTRAL-BD675 Datasheet
337Kb / 2P
NPN SILICON POWER DARLINGTON TRANSISTOR
logo
New Jersey Semi-Conduct...
TIP152 NJSEMI-TIP152 Datasheet
84Kb / 2P
Silicon NPN Darlington Power Transistor
MJH11018 NJSEMI-MJH11018 Datasheet
84Kb / 2P
Silicon NPN Darlington Power Transistor
TIP142T NJSEMI-TIP142T Datasheet
80Kb / 2P
Silicon NPN Darlington Power Transistor
logo
Inchange Semiconductor ...
2SD1072 ISC-2SD1072 Datasheet
259Kb / 2P
Silicon NPN Darlington Power Transistor
2SD1124 ISC-2SD1124 Datasheet
260Kb / 2P
Silicon NPN Darlington Power Transistor
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com