Electronic Components Datasheet Search
  English  ▼

X  

GWJDSLS1.EC Datasheet(PDF) 13 Page - OSRAM GmbH

Part # GWJDSLS1.EC
Description  white smt package, colored diffused silicone resin
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

GWJDSLS1.EC Datasheet(HTML) 13 Page - OSRAM GmbH

Back Button GWJDSLS1.EC Datasheet HTML 9Page - OSRAM GmbH GWJDSLS1.EC Datasheet HTML 10Page - OSRAM GmbH GWJDSLS1.EC Datasheet HTML 11Page - OSRAM GmbH GWJDSLS1.EC Datasheet HTML 12Page - OSRAM GmbH GWJDSLS1.EC Datasheet HTML 13Page - OSRAM GmbH GWJDSLS1.EC Datasheet HTML 14Page - OSRAM GmbH GWJDSLS1.EC Datasheet HTML 15Page - OSRAM GmbH GWJDSLS1.EC Datasheet HTML 16Page - OSRAM GmbH GWJDSLS1.EC Datasheet HTML 17Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 25 page
background image
GW JDSLS1.EC
2,6
2,8
3,0
3,2
3,4
3,6
3,8
VF [V]
20
40
60
80
100
120
140
IF [mA]
GW JDSLS1.EC
20
40
60
80
10
0
120
140
5
IF [mA]
0,0
0,2
0,4
0,6
0,8
1,0
1,2
IV
IV(120mA)
GW JDSLS1.EC
20
40
60
80
10
0
120
140
IF [mA]
0,40
0,41
0,42
0,43
0,44
Cx
Cy
: Cx
: Cy
GW JDSLS1.EC-6500K
0
20
40
60
80
100
120
14
0
IF [mA]
0,330
0,335
0,340
0,345
0,350
Cx
Cy
: Cx
: Cy



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com