Electronic Components Datasheet Search
  English  ▼

X  

GWJDSMS1.CC Datasheet(PDF) 12 Page - OSRAM GmbH

Part # GWJDSMS1.CC
Description  white SMT package, colored diffused silicone resin
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

GWJDSMS1.CC Datasheet(HTML) 12 Page - OSRAM GmbH

Back Button GWJDSMS1.CC Datasheet HTML 8Page - OSRAM GmbH GWJDSMS1.CC Datasheet HTML 9Page - OSRAM GmbH GWJDSMS1.CC Datasheet HTML 10Page - OSRAM GmbH GWJDSMS1.CC Datasheet HTML 11Page - OSRAM GmbH GWJDSMS1.CC Datasheet HTML 12Page - OSRAM GmbH GWJDSMS1.CC Datasheet HTML 13Page - OSRAM GmbH GWJDSMS1.CC Datasheet HTML 14Page - OSRAM GmbH GWJDSMS1.CC Datasheet HTML 15Page - OSRAM GmbH GWJDSMS1.CC Datasheet HTML 16Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 23 page
background image
2015-12-11
12
Version 1.1
GW JDSMS1.CC
Relative Forward Voltage 6) page 23
Relative Vorwärtsspannung 6) Seite 23
ΔVF = VF - VF(25 °C) = f(Tj); IF = 120 mA
Relative Luminous Intensity 6) page 23
Relative Lichtstärke 6) Seite 23
IV/IV(25)°C = f(Tj); IF = 120 mA
Chromaticity Coordinate Shift 6) page 23
Farbortverschiebung 6) Seite 23
Cx, Cy = f(Tj); IF = 120 mA
Chromaticity Coordinate Shift 6) page 23
Farbortverschiebung 6) Seite 23
Cx, Cy = f(Tj); IF = 120 mA
GW JDSMS1.xC
-40
-20
0
20
40
60
80
100 120
Tj [°C]
-0.10
-0.05
0.00
0.05
0.10
0.15
0.20
∆V
F [V]
GW JDSMS1.CC
-40
-20
0
20
40
60
80
100 120
Tj [°C]
0.0
0.2
0.4
0.6
0.8
1.0
1.2
Iv
Iv(25°C)
GW JDSMS1.CC
-40
-20
0
20
40
60
80
100 120
Tj [°C]
0.38
0.40
0.42
0.44
0.46
Cx
Cy
: Cx - 3000 K
: Cy - 3000 K
GW JDSMS1.CC
-40
-20
0
20
40
60
80
100 120
Tj [°C]
0.34
0.36
0.38
0.40
0.42
Cx
Cy
: Cx - 4000 K
: Cy - 4000 K



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com