Electronic Components Datasheet Search
  English  ▼

X  

403DMQ100 Datasheet(PDF) 2 Page - International Rectifier

Part # 403DMQ100
Description  SCHOTTKY RECTIFIER
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

403DMQ100 Datasheet(HTML) 2 Page - International Rectifier

  403DMQ100 Datasheet HTML 1Page - International Rectifier 403DMQ100 Datasheet HTML 2Page - International Rectifier 403DMQ100 Datasheet HTML 3Page - International Rectifier 403DMQ100 Datasheet HTML 4Page - International Rectifier 403DMQ100 Datasheet HTML 5Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
403DMQ... Series
2
Bulletin PD-2.259 rev. C 02/04
www.irf.com
Parameters
403DMQ100
VR
Max. DC Reverse Voltage (V)
V
RWM Max. Working Peak Reverse Voltage (V)
100
Voltage Ratings
Absolute Maximum Ratings
Following any rated
load condition and with
rated VRRM applied
Parameters
403DMQ Units
Conditions
A
I
F(AV) Max. Average Forward
400
A
50% duty cycle @ T
C = 82 °C, rectangular wave form
Current ( Per Leg )
I
FSM
Max. Peak One Cycle Non-Repetitive
25,500
5µs Sine or 3µs Rect. pulse
Surge Current (Per Leg)
3,300
10msSineor6msRect.pulse
E
AS
Non-Repetitive Avalanche Energy
15
mJ
T
J = 25 °C, IAS = 1 Amps, L = 30 mH
(Per Leg)
I
AR
Repetitive Avalanche Current
1
A
Current decaying linearly to zero in 1 µsec
(Per Leg)
Frequency limited by T
J max. VA = 1.5 x VR typical
(1) Pulse Width < 300µs, Duty Cycle <2%
T
J
Max. Junction Temperature Range
-55 to 175
°C
Tstg
Max. Storage Temperature Range
-55 to 175
°C
R
thJC Max. Thermal Resistance Junction
0.4
°C/W DC operation
to Case (Per Leg)
R
thJC Max. Thermal Resistance Junction
0.2
°C/W DC operation
to Case (Per Package)
R
thCS Typical Thermal Resistance, Case
0.1
°C/W Mounting surface , smooth and greased
to Heatsink
wt
Approximate Weight
79 (2.80)
g (oz.)
T
Mounting Torque Base
Min.
24 (20)
Max.
35 (30)
Mounting Torque Center HoleTyp.
13.5 (12)
Terminal Torque
Min.
35 (30)
Max.
46 (40)
Case Style
TO - 244AB isolated doubler Modified JEDEC
Thermal-Mechanical Specifications
Parameters
403DMQ Units
Conditions
V
FM
Max. Forward Voltage Drop
0.87
V
@ 200A
(Per Leg)
(1)
1.06
V
@ 400A
0.72
V
@ 200A
0.86
V
@ 400A
I
RM
Max. Reverse Leakage Current
6
mA
T
J =
25 °C
(Per Leg)
(1)
140
mA
T
J = 125 °C
C
T
Max. Junction Capacitance (Per Leg)
5500
pF
V
R = 5VDC, (test signal range 100Khz to 1Mhz) 25°C
L
S
Typical Series Inductance (Per Leg)
5.0
nH
From top of terminal hole to mounting plane
dv/dt Max. Voltage Rate of Change
10000
V/ µs
(Rated V
R)
T
J =
25 °C
T
J = 125 °C
V
R = rated VR
Parameters
403DMQ Units
Conditions
Kg-cm
(Ibf-in)
Electrical Specifications



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com