Electronic Components Datasheet Search
  English  ▼

X  

GWPSLR31.CM Datasheet(PDF) 11 Page - OSRAM GmbH

Part # GWPSLR31.CM
Description  white SMT package, colored diffused silicone resin
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

GWPSLR31.CM Datasheet(HTML) 11 Page - OSRAM GmbH

Back Button GWPSLR31.CM Datasheet HTML 7Page - OSRAM GmbH GWPSLR31.CM Datasheet HTML 8Page - OSRAM GmbH GWPSLR31.CM Datasheet HTML 9Page - OSRAM GmbH GWPSLR31.CM Datasheet HTML 10Page - OSRAM GmbH GWPSLR31.CM Datasheet HTML 11Page - OSRAM GmbH GWPSLR31.CM Datasheet HTML 12Page - OSRAM GmbH GWPSLR31.CM Datasheet HTML 13Page - OSRAM GmbH GWPSLR31.CM Datasheet HTML 14Page - OSRAM GmbH GWPSLR31.CM Datasheet HTML 15Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 24 page
background image
Version 2.2
GW PSLR31.CM
IF = f (VF); TJ = 25 °C
ΦV/ΦV(150 mA) = f(IF); TJ = 25 °C
ΔCx, ΔCy = f(IF); TJ = 25 °C
GW PSLR31.CM
-1,2
0,3
-1,0 -0,8 -0,6 -0,4 -0,2
0,0
VF [V]
10
20
30
40
50
100
200
IF [mA]
GW PSLR31.CM
10
40
60
80
10
0
12
0
14
0
16
0
18
0
20
0
IF [mA]
0,0
0,2
0,4
0,6
0,8
1,0
1,2
Φ
V
Φ
V(150mA)
GW PSLR31.CM
10
40
60
80
10
0
12
0
14
0
16
0
18
0
20
0
IF [mA]
-0,02
-0,01
0,00
0,01
0,02
∆Cx
∆Cy
:
∆ Cx -
:
∆ Cy -
2017-07-07
11
Forward Current 6) page 23 , 8) page 23
Durchlassstrom 6) Seite 23 , 8) Seite 23
Relative Luminous Flux 6) page 23 , 8) page 23
Relativer Lichtstrom 6) Seite 23 , 8) Seite 23
Chromaticity Coordinate Shift 6) page 23
Farbortverschiebung 6) Seite 23



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com