Electronic Components Datasheet Search
  English  ▼

X  

GWPSLR32.EM Datasheet(PDF) 1 Page - OSRAM GmbH

Part # GWPSLR32.EM
Description  white SMT package, colored diffused silicone resin
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

GWPSLR32.EM Datasheet(HTML) 1 Page - OSRAM GmbH

  GWPSLR32.EM Datasheet HTML 1Page - OSRAM GmbH GWPSLR32.EM Datasheet HTML 2Page - OSRAM GmbH GWPSLR32.EM Datasheet HTML 3Page - OSRAM GmbH GWPSLR32.EM Datasheet HTML 4Page - OSRAM GmbH GWPSLR32.EM Datasheet HTML 5Page - OSRAM GmbH GWPSLR32.EM Datasheet HTML 6Page - OSRAM GmbH GWPSLR32.EM Datasheet HTML 7Page - OSRAM GmbH GWPSLR32.EM Datasheet HTML 8Page - OSRAM GmbH GWPSLR32.EM Datasheet HTML 9Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 25 page
background image
2015-07-29
1
2015-07-29
DURIS S 5
Datasheet
Version 1.0
GW PSLR32.EM
Features:
Besondere Merkmale:
•
Package: white SMT package, colored diffused
silicone resin
•
Gehäusetyp: weißes SMT Gehäuse, farbiger
diffuser Silikon-Verguss
•
Viewing angle at 50 % I
V: 120°
•
Abstrahlwinkel bei 50 % I
V: 120°
•
Color: 2700 K - 6500 K (white)
•
Farbe: 2700 K - 6500 K (weiß)
•
CRI: min. 80
•
CRI: min. 80
•
Luminous Flux: typ. 54 lm @ 3000 K
•
Lichtstrom: typ. 54 lm @ 3000 K
•
Luminous efficacy: typ. 155 lm/W @ 3000 K
•
Lichtausbeute: typ. 155 lm/W @ 3000 K
•
Lumen Maintenance: Testing according to IESNA
LM-80 in progress
•
Lichtstromerhaltung: Tests nach IESNA LM-80
im Gange
Applications
Anwendungen
•
Indoor General Lighting
•
Innen-Allgemeinbeleuchtung
•
Industrial lighting
•
Industriebeleuchtung
•
Linear lights
•
Linearbeleuchtung
•
Professional downlights
•
Professionelle Downlights
•
Retrofits and fixtures
•
Retrofits


Similar Part No. - GWPSLR32.EM

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
GWPSLR32.CM OSRAM-GWPSLR32.CM Datasheet
1Mb / 24P
white SMT package, colored diffused silicone resin
GWPSLR32.PM OSRAM-GWPSLR32.PM Datasheet
897Kb / 25P
white SMT package, colored diffused silicone resin
More results

Similar Description - GWPSLR32.EM

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
LCYW5SM-HZJZ-5E-1 OSRAM-LCYW5SM-HZJZ-5E-1 Datasheet
622Kb / 22P
white SMT package, colored diffused silicone resin
CUW-Y3SH.B1 OSRAM-CUW-Y3SH.B1 Datasheet
591Kb / 23P
white SMT package, colored diffused silicone resin
GW-JDSMS1.EC OSRAM-GW-JDSMS1.EC Datasheet
1Mb / 25P
white SMT package, colored diffused silicone resin
GW-JDSMS1.PC OSRAM-GW-JDSMS1.PC Datasheet
1Mb / 23P
white SMT package, colored diffused silicone resin
GW-JDSTS2.EM OSRAM-GW-JDSTS2.EM Datasheet
3Mb / 26P
white SMT package, colored diffused silicone resin
GW-P7LM32.CM OSRAM-GW-P7LM32.CM Datasheet
2Mb / 24P
white SMT package, colored diffused silicone resin
GW-P9LR32.EM OSRAM-GW-P9LR32.EM Datasheet
2Mb / 24P
white SMT package, colored diffused silicone resin
GW-P9LT32.EM OSRAM-GW-P9LT32.EM Datasheet
1Mb / 24P
white SMT package, colored diffused silicone resin
GW-PSLM31.EM OSRAM-GW-PSLM31.EM Datasheet
1Mb / 25P
white SMT package, colored diffused silicone resin
GW-PSLMS1.EC OSRAM-GW-PSLMS1.EC Datasheet
1Mb / 26P
white SMT package, colored diffused silicone resin
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com