Electronic Components Datasheet Search
  English  ▼

X  

AC05FJM Datasheet(PDF) 1 Page - NEC

Part # AC05FJM
Description  5 A MOLD TRIAC
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

AC05FJM Datasheet(HTML) 1 Page - NEC

  AC05FJM Datasheet HTML 1Page - NEC AC05FJM Datasheet HTML 2Page - NEC AC05FJM Datasheet HTML 3Page - NEC AC05FJM Datasheet HTML 4Page - NEC AC05FJM Datasheet HTML 5Page - NEC AC05FJM Datasheet HTML 6Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image


Similar Part No. - AC05FJM

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
AC05FJM RENESAS-AC05FJM Datasheet
473Kb / 8P
5 A MOLD TRIAC
1988
AC05FJM-Z RENESAS-AC05FJM-Z Datasheet
473Kb / 8P
5 A MOLD TRIAC
1988
More results

Similar Description - AC05FJM

ManufacturerPart #DatasheetDescription
logo
NEC
AC03DSM NEC-AC03DSM Datasheet
876Kb / 6P
3 A MOLD ISOLATED TRIAC
AC05FGM NEC-AC05FGM Datasheet
710Kb / 6P
5 A MOLD TRIAC
AC03DJM NEC-AC03DJM Datasheet
303Kb / 6P
3 A MOLD TRIAC
AC0V8DGM NEC-AC0V8DGM Datasheet
1Mb / 6P
0.8 A MOLD TRIAC
AC01DJM NEC-AC01DJM Datasheet
410Kb / 6P
1 A POWER MINI MOLD TRIAC
logo
Renesas Technology Corp
AC03DGM RENESAS-AC03DGM Datasheet
373Kb / 8P
3 A MOLD TRIAC
April 1st, 2010
AC05DSMA RENESAS-AC05DSMA Datasheet
421Kb / 8P
5 A RESIN MOLD TYPE TRIAC
April 1st, 2010
AC10DSMA RENESAS-AC10DSMA Datasheet
404Kb / 8P
10 A RESIN MOLD TYPE TRIAC
April 1st, 2010
AC12DSMA RENESAS-AC12DSMA Datasheet
413Kb / 8P
12 A RESIN MOLD TYPE TRIAC
April 1st, 2010
AC05DJM RENESAS-AC05DJM Datasheet
473Kb / 8P
5 A MOLD TRIAC
1988
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com