Electronic Components Datasheet Search
  English  ▼

X  

LUWCJSN Datasheet(PDF) 12 Page - OSRAM GmbH

Part # LUWCJSN
Description  SMD ceramic Package with Silicone resin
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

LUWCJSN Datasheet(HTML) 12 Page - OSRAM GmbH

Back Button LUWCJSN Datasheet HTML 8Page - OSRAM GmbH LUWCJSN Datasheet HTML 9Page - OSRAM GmbH LUWCJSN Datasheet HTML 10Page - OSRAM GmbH LUWCJSN Datasheet HTML 11Page - OSRAM GmbH LUWCJSN Datasheet HTML 12Page - OSRAM GmbH LUWCJSN Datasheet HTML 13Page - OSRAM GmbH LUWCJSN Datasheet HTML 14Page - OSRAM GmbH LUWCJSN Datasheet HTML 15Page - OSRAM GmbH LUWCJSN Datasheet HTML 16Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 23 page
background image
2013-01-30
12
Version 1.1
LUW CJSN
Max. Permissible Forward Current
Max. zulässiger Durchlassstrom
IF = f (T)
Permissible Pulse Handling Capability
Zulässige Impulsbelastbarkeit IF = f(tp)
D: Duty cycle
Permissible Pulse Handling Capability
Zulässige Impulsbelastbarkeit IF = f(tp)
D: Duty cycle
LUW CJSN
0
20406080
100
120
TS [°C]
0
20
40
60
80
100
120
140
160
180
200
220
240
260
280
IF [mA]
Do not use below 30 mA
10-5 10-4 10-3 0,01 0,1
1
10
Pulse time [s]
0,3
0,4
0,5
0,6
IF [A]
TS = 0°C ... 83°C
LUW CJSN
: D=1,0
: D=0,5
: D=0,2
: D=0,1
: D=0,05
: D=0,02
: D=0,01
: D=0,005
10-5 10-4 10-3 0,01 0,1
1
10
Pulse time [s]
0,3
0,4
0,5
0,6
IF [A]
LUW CJSN
TS = 85°C
: D=1,0
: D=0,5
: D=0,2
: D=0,1
: D=0,05
: D=0,02
: D=0,01
: D=0,005



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com