Electronic Components Datasheet Search
  English  ▼

X  

AD8392 Datasheet(PDF) 13 Page - Analog Devices

Part # AD8392
Description  Low Power, High Output Current, Quad Op Amp, Dual-Channel ADSL/ADSL2 Line Driver
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8392 Datasheet(HTML) 13 Page - Analog Devices

Back Button AD8392 Datasheet HTML 8Page - Analog Devices AD8392 Datasheet HTML 9Page - Analog Devices AD8392 Datasheet HTML 10Page - Analog Devices AD8392 Datasheet HTML 11Page - Analog Devices AD8392 Datasheet HTML 12Page - Analog Devices AD8392 Datasheet HTML 13Page - Analog Devices AD8392 Datasheet HTML 14Page - Analog Devices AD8392 Datasheet HTML 15Page - Analog Devices AD8392 Datasheet HTML 16Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
AD8392
Rev. 0 | Page 13 of 16
THERMAL CONSIDERATIONS
When using a quad, high output current amplifier, such as the
AD8392, special consideration should be given to system level
thermal design. In applications such as ADSL/ADSL2+, the
AD8392 could be required to dissipate as much as 1.4 W or
more on chip. Under these conditions, particular attention
should be paid to the thermal design in order to maintain safe
operating temperatures on the die. To aid in the thermal design,
the thermal information in the Thermal Resistance section can
be combined with what follows here.
The information in Table 4 and Figure 3 is based on a standard
JEDEC 4-layer board and a maximum die temperature of
150°C. To provide additional guidance and design suggestions, a
thermal study was performed under a set of conditions more
closely aligned with an actual ADSL/ADSL2+ application.
In a typical ADSL/ADSL2+ line card, component density usu-
ally dictates that most of the copper plane used for thermal
dissipation be internal. Additionally, each ADSL/ADSL2+ port
may be allotted only 1 square inch, or even less, of board space.
For these reasons, a special thermal test board was constructed
for this study. The 4-layer board measured approximately
4 inches × 4 inches and contained two internal 1 oz copper
ground planes, each measuring 2 inches × 3 inches. The top
layer contained signal traces and an exposed copper strip
¼ inch × 3 inches to accommodate heat sinking, with no other
copper on the top or bottom of the board.
Three 28-lead TSSOPs were placed on the board representing
six ADSL channels, or one channel per square inch of copper,
with each channel dissipating 700 mW on-chip (1.4 W per
package). The die temperature is then measured in still air and
in a wind tunnel with calibrated airflow of 100 LFM, 200 LFM,
and 400 LFM. Figure 36 shows the power dissipation versus the
ambient temperature for each airflow condition. The figure
assumes a maximum die temperature of 135°C. No heat sink
was used.
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5
15
25354555657585
AMBIENT TEMPERATURE (
°C)
TJ = 135°C
STILL AIR
100LFM
200LFM
400LFM
Figure 36. Power Dissipation vs. Ambient
Temperature and Air Flow 28-Lead TSSOP/EP
This data is only provided as guidance to assist in the thermal
design process. Due diligence should be performed with regards
to power dissipation because there are many factors that can
affect thermal performance.
TYPICAL ADSL/ADSL2+ APPLICATION
In a typical ADSL/ADSL2+ application, a differential line driver
is used to take the signal from the analog front end (AFE) and
drive it onto the twisted pair telephone line. Referring to the
typical circuit representation in Figure 37, the differential input
appears at VIN+ and VIN− from the AFE, while the differential
output is transformer coupled to the telephone line at tip and
ring. The common-mode operating point, generally midway
between the supplies, is set through VCOM.
R4
R4
R3
R3
Rm
R2
R1
R2
VCOM
1:N
TIP
RING
ROUT
RIN
Rm
VOA
VOA
VP
VP
RBIAS
RBIAS
VIN–
VIN+
Figure 37. Typical ADSL/ADSL2+ Application Circuit
In ADSL/ADSL2+ applications, it is common practice to
conserve power by using positive feedback to synthesize the
output resistance, thereby lowering the required ohmic value of
the line matching resistors, Rm. The circuit in Figure 37 is
somewhat unique in that the positive feedback introduced via
R3 has the effect of synthesizing the input resistance as well.
The following definitions and equations can be used to calculate
the resistor values necessary to obtain the desired gain, input
resistance, and output resistance for a given application. For
simplicity the following calculations assume a lossless
transformer.
The following values are used in the design equations and are
assumed already known or chosen by the designer.
VIN
Differential input voltage
RIN
Desired differential input resistance
N
Transformer turns ratio
VLINE
Differential output voltage at tip and ring
Rm
Each is typically 5% to 15% of the transformer reflected
line impedance
R2
Recommended in the amplifier data sheet
VP
Voltage at the + inputs to the amplifier, approximately ½
VIN (must be less than VIN for positive input resistance)
RL
Transformer reflected line impedance



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com