Electronic Components Datasheet Search
  English  ▼

X  

LPA2153 Datasheet(PDF) 2 Page - Lowpower Semiconductor inc

Part # LPA2153
Description  Filterless 2x8W Class- F Stereo Audio Amplifier
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWER [Lowpower Semiconductor inc]
Direct Link  http://www.lowpowersemi.com
Logo POWER - Lowpower Semiconductor inc

LPA2153 Datasheet(HTML) 2 Page - Lowpower Semiconductor inc

  LPA2153 Datasheet HTML 1Page - Lowpower Semiconductor inc LPA2153 Datasheet HTML 2Page - Lowpower Semiconductor inc LPA2153 Datasheet HTML 3Page - Lowpower Semiconductor inc LPA2153 Datasheet HTML 4Page - Lowpower Semiconductor inc LPA2153 Datasheet HTML 5Page - Lowpower Semiconductor inc LPA2153 Datasheet HTML 6Page - Lowpower Semiconductor inc LPA2153 Datasheet HTML 7Page - Lowpower Semiconductor inc LPA2153 Datasheet HTML 8Page - Lowpower Semiconductor inc LPA2153 Datasheet HTML 9Page - Lowpower Semiconductor inc Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
LPA2153–00
May.-2014
Email: marketing@lowpowersemi.com
www.lowpowersemi.com
Page 2 of 13
Preliminary Datasheet
LPA2153
Pin Configuration
SD2
MODE2
EQ2
IN2
SD1
BYP1
IN1
MODE1
OUTN1
VDD1
OUTN2
OUTP2
BYP2
EQ1
VDD2
OUTP1
16
15
14
13
12
11
10
9
1
2
3
4
5
6
7
8
17
GND
Functional Pin Description
Pin
PIN No.
DESCRIPTION
SD2
1
Channel 2 Shutdown pin (active high).
MODE2
2
Channel 2 Mode control pin (High voltage with Class_D mode and low voltage
with Class_AB mode).
EQ2
3
Channel 2 EQ function pin(With resistor R4 and capacitor C4 in series between
IN2 and EQ, the high frequencies could be attenuated).
IN2
4
Channel 2 Input of amplifier.( With resistor R3 and capacitor C3 in series
between IN2 and signal, the low frequencies could be attenuated).
SD1
5
Channel 1 Shutdown pin (active high).
BYP1
6
Channel 1 Bypass pin (Connect a 0.22uF capacitor between this pin and GND).
EQ1
7
Channel 1 EQ function pin(With resistor R2 and capacitor C2 in series between
VIN and EQ, the high frequencies could be attenuated).
IN1
8
Channel 1 Input of amplifier.( With resistor R1 and capacitor C1 in series
between IN1 and signal, the low frequencies could be attenuated).
MODE1
9
Channel 1 Mode control pin (High voltage with Class_D mode and low voltage
with Class_AB mode).
OUTN1
10
Channel 1 Negative output of signal.
VDD1
11
Channel 1 Voltage supply pin.
OUTP1
12
Channel 1 Positive output of signal.
OUTN2
13
Channel 2 Negative output of signal.
VDD2
14
Channel 2 Voltage supply pin.
OUTP2
15
Channel 2 Positive output of signal.
BYP2
16
Channel 2 Bypass pin (Connect a 0.22uF capacitor between this pin and GND).
GND
17
Ground pin.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com