Electronic Components Datasheet Search
  English  ▼

X  

LPM3413 Datasheet(PDF) 2 Page - Lowpower Semiconductor inc

Part # LPM3413
Description  P-Channel Enhancement Mode Field Effect Transistor
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWER [Lowpower Semiconductor inc]
Direct Link  http://www.lowpowersemi.com
Logo POWER - Lowpower Semiconductor inc

LPM3413 Datasheet(HTML) 2 Page - Lowpower Semiconductor inc

  LPM3413 Datasheet HTML 1Page - Lowpower Semiconductor inc LPM3413 Datasheet HTML 2Page - Lowpower Semiconductor inc LPM3413 Datasheet HTML 3Page - Lowpower Semiconductor inc LPM3413 Datasheet HTML 4Page - Lowpower Semiconductor inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
LPM3413-01
May.-2014
Email: marketing@lowpowersemi.com
www.lowpowersemi.com
Page 2 of 4
Preliminary Datasheet
LPM3413
Absolute Maximum Ratings
Parameter
Symbol
Maximum
Units
Drain-Source Voltage
VDS
-20
V
Gate-Source Voltage
VGS
±12
V
Continuous Drain
Current
TA=25°C
ID
-3
A
TA=70°C
-2.0
Pulsed Drain Current
IDM
-10
Power Dissipation
TA=25°C
PD
1.4
W
TA=70°C
0.9
Junction and Storage Temperature Range
TJ, TSTG
-55 to 150
°C
Thermal resistance ratings
Parameter
Symbol
Typ.
Units
Maximum Junction-to-Ambient
RθJA
125
°C/W



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com