Electronic Components Datasheet Search
  English  ▼

X  

APM4925 Datasheet(PDF) 2 Page - Anpec Electronics Coropration

Part # APM4925
Description  P CHANNEL ENHANCEMENT MODE MOSFET
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APM4925 Datasheet(HTML) 2 Page - Anpec Electronics Coropration

  APM4925 Datasheet HTML 1Page - Anpec Electronics Coropration APM4925 Datasheet HTML 2Page - Anpec Electronics Coropration APM4925 Datasheet HTML 3Page - Anpec Electronics Coropration APM4925 Datasheet HTML 4Page - Anpec Electronics Coropration APM4925 Datasheet HTML 5Page - Anpec Electronics Coropration APM4925 Datasheet HTML 6Page - Anpec Electronics Coropration APM4925 Datasheet HTML 7Page - Anpec Electronics Coropration APM4925 Datasheet HTML 8Page - Anpec Electronics Coropration APM4925 Datasheet HTML 9Page - Anpec Electronics Coropration  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
Copyright
 ANPEC Electronics Corp.
Rev. A.4 - Dec., 2002
APM4925
www.anpec.com.tw
2
Symbol
Parameter
Rating
Unit
T
A = 25°C
2.5
P
D
Maximum Power Dissipation
T
A = 100°C
1
W
T
J
Maximum Junction Temperature
150
T
STG
Storage Temperature Range
-55 to 150
°C
RθJA
Thermal Resistance - Junction to Ambient
50
°C/W
APM4925
Symbol
Parameter
Test Condition
Min.
Typ
a. Max.
Unit
Static
BV
DSS
Drain-Source Breakdown Voltage
V
GS=0V, ID= -250µA
-30
V
I
DSS
Zero Gate Voltage Drain Current
V
DS= -24V, VGS=0V
-1
µA
V
GS(th)
Gate Threshold Voltage
V
DS=VGS, ID= -250µA
-1
-1.5
-2
V
I
GSS
Gate Leakage Current
V
GS= ±25V , VDS=0V
±100
nA
V
GS= -10V, ID= -6.1A
24
27
R
DS(ON)
b
Drain-Source On-state Resistance
V
GS= -4.5V, ID= -5.1A
30
35
m
Ω
V
SD
b
Diode Forward Voltage
I
SD= -1.7A, VGS=0V
-0.7
-1.3
V
Dynamic
a
Q
g
Total Gate Charge
48
58
Q
gs
Gate-Source Charge
10
Q
gd
Gate-Drain Charge
V
DS= -15V, VGS= -10V,
I
D= -4.6A
9
nC
t
d(ON)
Turn-on Delay Time
17
33
t
r
Turn-on Rise Time
18
35
t
d(OFF)
Turn-off Delay Time
70
128
t
f
Turn-off Fall Time
V
DD= -25V, RL=12.5Ω,
I
D= -2A , VGEN= -10V,
R
G=6Ω,
30
56
ns
C
iss
Input Capacitance
3200
C
oss
Output Capacitance
560
C
rss
Reverse Capacitance
V
GS=0V, VDS= -25V
Frequency = 1.0MHZ
250
pF
Notes
a : Guaranteed by design, not subject to production testing
b : Pulse test ; pulse width
≤ 300µs, duty cycle ≤ 2%
Electrical Characteristics
(TA=25°C unless otherwise noted)
Absolute Maximum Ratings (T
A = 25°C unless otherwise noted)



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com