Electronic Components Datasheet Search
  English  ▼

X  

MP1470B Datasheet(PDF) 16 Page - Monolithic Power Systems

Part # MP1470B
Description  High Efficiency, 2A, 16V, 500kHz Synchronous, Step-Down Converter
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP1470B Datasheet(HTML) 16 Page - Monolithic Power Systems

Back Button MP1470B Datasheet HTML 10Page - Monolithic Power Systems MP1470B Datasheet HTML 11Page - Monolithic Power Systems MP1470B Datasheet HTML 12Page - Monolithic Power Systems MP1470B Datasheet HTML 13Page - Monolithic Power Systems MP1470B Datasheet HTML 14Page - Monolithic Power Systems MP1470B Datasheet HTML 15Page - Monolithic Power Systems MP1470B Datasheet HTML 16Page - Monolithic Power Systems MP1470B Datasheet HTML 17Page - Monolithic Power Systems MP1470B Datasheet HTML 18Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 16 / 18 page
background image
MP1470B – SYNCHRONOUS, STEP-DOWN CONVERTER WITH INTERNAL MOSFETS
MP1470B Rev. 1.0
www.MonolithicPower.com
16
8/25/2015
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2015 MPS. All Rights Reserved.
TYPICAL APPLICATION CIRCUITS
25V
C1
C6
25V
GND
GND
GND
GND
GND
GND
GND
EN
VOUT
VIN
100k
R5
NS
R6
C4
C2A
NS
C2
NS
C3
L1
SW
NS
R3
40.2k
R1
7.68k
R2
GND
GND
GND
GND
75k
R7
5V/2A
3
5
6
2
4
NS
C5
0R
R4
MP1470B
BST
SW
IN
GND
FB
EN
Figure 7: 12Vin, 5V/2A
25V
C1
C6
25V
GND
GND
GND
GND
GND
GND
GND
EN
VOUT
VIN
100k
R5
NS
R6
C4
C2A
NS
C2
NS
C3
L1
SW
NS
R3
40.2k
R1
13k
R2
GND
GND
GND
GND
75k
R7
3.3V/2A
MP1470B
3
5
6
2
4
BST
SW
IN
GND
FB
EN
NS
C5
0R
R4
Figure 8: 12Vin, 3.3V/2A
25V
C1
C6
25V
GND
GND
GND
GND
GND
GND
GND
EN
VOUT
VIN
100k
R5
NS
R6
C4
C2A
NS
C2
NS
C3
L1
SW
NS
R3
40.2k
R1
19.1k
R2
GND
GND
GND
GND
100k
R7
2.5V/2A
MP1470B
3
5
6
2
4
BST
SW
IN
GND
FB
EN
NS
C5
0R
R4
Figure 9: 12Vin, 2.5V/2A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com