Electronic Components Datasheet Search
  English  ▼

X  

PCHP54NF Datasheet(PDF) 3 Page - Allied Components International

Part # PCHP54NF
Description  SMD SHIELDED POWER CHIP INDUCTOR
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLIED [Allied Components International]
Direct Link  http://www.alliedcomponents.com
Logo ALLIED - Allied Components International

PCHP54NF Datasheet(HTML) 3 Page - Allied Components International

  PCHP54NF Datasheet HTML 1Page - Allied Components International PCHP54NF Datasheet HTML 2Page - Allied Components International PCHP54NF Datasheet HTML 3Page - Allied Components International  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
SMD SHIELDED POWER CHIP INDUCTOR
15
ALLIED COMPONENTS INTERNATIONAL
949-356-1780
www.alliedcomponents.com
RoHS
04/11/2017
PCHP54NF
PackagingInformation
Tape Dimension
Ao
Ko
t
Po
B
P2
A
B
P
A
2.0±0.5
EMBOSSED CARRIER
A
COVER TAPE
Type
A(mm) B(mm)
C(mm)
D(mm)
330x12mm
80±2.0 13+0.5/-0.2 330±3.0
Bo(mm) Ao(mm) Ko(mm) P(mm) w(mm)
t(mm)
E(mm)
F(mm)
D(mm) Po(mm) P2(mm)
5.4±0.1 5.4±0.1 4.3±0.1 8.0±0.1
12±0.3
0.4±0.1 1.75±0.1 7.5±0.1 1.5±0.1 4.0±0.1 2.00±0.1
Tearing Off Force
Top cover tape
165° to180°
Base tape
F
The force for tearing off cover tape is 10 to 130 grams in the arrow
direction under the following conditions(referenced
ANSI/EIA-481-C-2003 of 4.11 standard).
Room Temp.
( )
℃
Room Humidity
(%)
Room atm
(hPa)
Tearing Speed
mm/min
5~35
45~85
860~1060
300
12.4+2/-0
Reel Dimension



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com