Electronic Components Datasheet Search
  English  ▼

X  

MP1471A Datasheet(PDF) 8 Page - Monolithic Power Systems

Part # MP1471A
Description  High-Efficiency, 3A 16V, 500kHz Synchronous, Step-Down Converter In a 6-Pin TSOT 23
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP1471A Datasheet(HTML) 8 Page - Monolithic Power Systems

Back Button MP1471A Datasheet HTML 4Page - Monolithic Power Systems MP1471A Datasheet HTML 5Page - Monolithic Power Systems MP1471A Datasheet HTML 6Page - Monolithic Power Systems MP1471A Datasheet HTML 7Page - Monolithic Power Systems MP1471A Datasheet HTML 8Page - Monolithic Power Systems MP1471A Datasheet HTML 9Page - Monolithic Power Systems MP1471A Datasheet HTML 10Page - Monolithic Power Systems MP1471A Datasheet HTML 11Page - Monolithic Power Systems MP1471A Datasheet HTML 12Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 17 page
background image
MP1471A
– SYNCHRONOUS, STEP-DOWN CONVERTER WITH INTERNAL MOSFETS
MP1471A Rev. 1.0
www.MonolithicPower.com
8
8/18/2013
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2013 MPS. All Rights Reserved.
PIN FUNCTIONS
Package
Pin #
Name
Description
1
GND
System Ground. Reference ground of the regulated output voltage: requires extra care
during PCB layout. Connect to GND with copper traces and vias.
2
SW
Switch Output. Connect using wide a PCB trace.
3
IN
Supply Voltage. The MP1471A operates from a 4.5V-to-16V input rail. Requires C1 to
decouple the input rail. Connect using a wide PCB trace.
4
FB
Feedback. Connect to the tap of an external resistor divider from the output to GND to set
the output voltage. The frequency fold-back comparator lowers the oscillator frequency
when the FB voltage drops below 140mV to prevent current-limit runaway during a short
circuit fault.
5
EN
EN=HIGH to enable the MP1471A. For automatic start-up, connect EN to VIN using a
100k
Ω resistor.
6
BST
Bootstrap. Connect a capacitor and a resistor between SW and BST pins to form a floating
supply across the high-side switch driver. Use a 1µF BST capacitor.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com