Electronic Components Datasheet Search
  English  ▼

X  

PCMF7060S Datasheet(PDF) 1 Page - Allied Components International

Part # PCMF7060S
Description  SMD High Current Common Mode Filter
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLIED [Allied Components International]
Direct Link  http://www.alliedcomponents.com
Logo ALLIED - Allied Components International

PCMF7060S Datasheet(HTML) 1 Page - Allied Components International

  PCMF7060S Datasheet HTML 1Page - Allied Components International PCMF7060S Datasheet HTML 2Page - Allied Components International  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
SMD High Current Common Mode Filter
15
DCR
( Ω)
Allied
Part
Number
Inductance
µ
h)
Tolerance
(%)
Test
Freq.
ALLIED COMPONENTS INTERNATIONAL
www.alliedcomponents.com
RoHS
All specifications subject to change without notice.
Max
ISAT
(A)
Features
• SMD Common Mode Filter
• Low profile
• High Current
• Ideal for pick and place
Electrical
Operating Temp: -40ºC to +105ºC
Min Impedance Range: 100Ω - 910Ω
Resistance to Soldering Heat
Test Equipment
Physical
Pre-Heat: 150º-180°C, 90±30 Sec
Solder Temp: 245ºC ± 5ºC for 30sec ± 10sec.
Solder Composition: Sn/Ag3.0/Cu0.5
Impedance: HP4291B, Impedance Analyzer
DCR: CH16502
Packaging: 1500pcs per reel
Marking: EIA Inductance Code
DCR
(mΩ)MAX
N1=N2
Allied
Part
Number
Impedance (N1=N2)
(Ω)@100MHz
Test
Freq.
MHz
PCMF7060S-101
PCMF7060S-301
PCMF7060S-501
PCMF7060S-701
PCMF7060S-102
PCMF7060S-132
100
225
275
500
800
910
REVISED 05/26/2017
Irms Current: HP42841A+HP4284A
949-356-1780
Leakage: CH19073
PCMF7060S
A
B
C
D
E
F
G
7.0±0.50 6.0±0.50 3.80(Max)
3.5(Ref.) 1.5±0.20 1.0±0.20 1.75±0.20
IDC
(A) MAX
Typ.
140
300
350
700
1020
1300
100
100
100
100
100
100
10
10
10
15
17
21
9
5
5
4
3
2.5
Min.
• For USB 2.0 IEEE, 394, LVDS Applications
IDC: Current at which the temperature
rise reaches 40°C
Recommended Land pattern
Reflow Solder Profile
Insulation
Resistance
(MΩ) Min
Rated Volt.
(v) MAX
125
125
125
125
125
125
10
10
10
10
10
10
Dimensions: (mm)
Schematic
H(mm)
2.20 Ref. 1.50 Ref. 1.50 Ref.
2.50 Ref.
I(mm)
J(mm)
K(mm)


Similar Part No. - PCMF7060S

ManufacturerPart #DatasheetDescription
logo
Allied Components Inter...
PCMF1211S ALLIED-PCMF1211S Datasheet
2Mb / 3P
SMD High Current Common Mode Filter
PCMF1211S-102 ALLIED-PCMF1211S-102 Datasheet
2Mb / 3P
SMD High Current Common Mode Filter
PCMF1211S-222 ALLIED-PCMF1211S-222 Datasheet
2Mb / 3P
SMD High Current Common Mode Filter
PCMF1211S-272 ALLIED-PCMF1211S-272 Datasheet
2Mb / 3P
SMD High Current Common Mode Filter
PCMF1211S-701 ALLIED-PCMF1211S-701 Datasheet
2Mb / 3P
SMD High Current Common Mode Filter
More results

Similar Description - PCMF7060S

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
ICM-2824 VISHAY-ICM-2824 Datasheet
78Kb / 2P
High Current Common Mode Choke
05-Dec-11
logo
Wurth Elektronik GmbH &...
744212331 WURTH-744212331 Datasheet
1Mb / 6P
WE-SL1 SMD Common Mode Line Filter
logo
List of Unclassifed Man...
CMF ETC2-CMF Datasheet
232Kb / 4P
SMD Multilayer Common Mode Filter
logo
Allied Components Inter...
SCM30F ALLIED-SCM30F Datasheet
341Kb / 1P
SMD Wirewound Common Mode Filter
logo
XFMRS Inc.
XF2506-CMC12 XFMRS-XF2506-CMC12 Datasheet
262Kb / 2P
COMMON MODE SMD LINE FILTER
logo
Allied Components Inter...
CMF0906-472 ALLIED-CMF0906-472 Datasheet
1Mb / 1P
SMD Common Mode Filter
PCMF1211S ALLIED-PCMF1211S Datasheet
2Mb / 3P
SMD High Current Common Mode Filter
PCMF9070S ALLIED-PCMF9070S Datasheet
1Mb / 2P
SMD High Current Common Mode Filter
SCM10S ALLIED-SCM10S Datasheet
2Mb / 4P
SMD Wirewound Common Mode Filter
SCM30S ALLIED-SCM30S Datasheet
1Mb / 1P
SMD Wirewound Common Mode Filter
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com