Electronic Components Datasheet Search
  English  ▼

X  

MP1497S Datasheet(PDF) 8 Page - Monolithic Power Systems

Part # MP1497S
Description  High-Efficiency, 3A, 16V, 500kHz Synchronous, Step-Down Converter
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP1497S Datasheet(HTML) 8 Page - Monolithic Power Systems

Back Button MP1497S Datasheet HTML 4Page - Monolithic Power Systems MP1497S Datasheet HTML 5Page - Monolithic Power Systems MP1497S Datasheet HTML 6Page - Monolithic Power Systems MP1497S Datasheet HTML 7Page - Monolithic Power Systems MP1497S Datasheet HTML 8Page - Monolithic Power Systems MP1497S Datasheet HTML 9Page - Monolithic Power Systems MP1497S Datasheet HTML 10Page - Monolithic Power Systems MP1497S Datasheet HTML 11Page - Monolithic Power Systems MP1497S Datasheet HTML 12Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 15 page
background image
MP1497S – SYNCHRONOUS, STEP-DOWN CONVERTER WITH INTERNAL MOSFETS
MP1497S Rev. 1.01
www.MonolithicPower.com
8
9/7/2015
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2015 MPS. All Rights Reserved.
BLOCK DIAGRAM
50pF
1MEG
BST
RSEN
IN
Oscillator
VCC
Regulator
Bootstrap
Regulator
VCC
Currrent Sense
Amplifer
VCC
SS
6.5V
Current Limit
Comparator
Error Amplifier
Reference
EN
FB
+
+
-
+
-
+
-
SW
GND
LS
Driver
HS
Driver
Comparator
On Time Control
Logic Control
1pF
400k
Figure 1: Functional Block Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com