Electronic Components Datasheet Search
  English  ▼

X  

MP1601A Datasheet(PDF) 1 Page - Monolithic Power Systems

Part # MP1601A
Description  1A Synchronous Step-down Converter with Forced CCM Mode
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP1601A Datasheet(HTML) 1 Page - Monolithic Power Systems

  MP1601A Datasheet HTML 1Page - Monolithic Power Systems MP1601A Datasheet HTML 2Page - Monolithic Power Systems MP1601A Datasheet HTML 3Page - Monolithic Power Systems MP1601A Datasheet HTML 4Page - Monolithic Power Systems MP1601A Datasheet HTML 5Page - Monolithic Power Systems MP1601A Datasheet HTML 6Page - Monolithic Power Systems MP1601A Datasheet HTML 7Page - Monolithic Power Systems MP1601A Datasheet HTML 8Page - Monolithic Power Systems MP1601A Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
MP1601A
1A Synchronous Step-down Converter
with Forced CCM Mode
MP1601A Rev. 1.0
www.MonolithicPower.com
1
9/2/2016
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2016 MPS. All Rights Reserved.
DESCRIPTION
The MP1601A is a monolithic, step-down,
switch-mode converter with built-in, internal
power MOSFETs. It achieves 1A of continuous
output current from a 2.3V to 5.5V input voltage
range with excellent load and line regulation. The
output voltage can be regulated as low as 0.6V.
The constant-on-time (COT) control scheme in
forced continuous conduction mode (CCM)
provides a fast transient response, a low output
voltage ripple, and eases loop stabilization. Fault
protections
include
cycle-by-cycle
current
limiting and thermal shutdown.
The MP1601A is available in an ultra-small
SOT563 package and requires a minimal
number of readily available, standard, external
components.
The MP1601A is ideal for a wide range of
applications including high-performance DSPs,
wireless power, portable and mobile devices,
and other low-power systems.
FEATURES
 2.2MHz Switching Frequency
 EN for Power Sequencing
 Wide 2.3V to 5.5V Operating Input Range
 Output Adjustable from 0.6V
 Up to 1A Output Current
 160mΩ and 120mΩ Internal Power
MOSFET Switches
 Output Discharge
 100% Duty Cycle
 Short-Circuit Protection (SCP) with Hiccup
Mode
 Stable with Low ESR Output Ceramic
Capacitors
 Continuous Conduction Mode (CCM)
 Available in a SOT563 Package
APPLICATIONS
 Wireless/Networking Cards
 Portable and Mobile Devices
 Battery-Powered/Wearable Devices
 Low-Voltage I/O System Power
All MPS parts are lead-free, halogen-free, and adhere to the RoHS directive. For
MPS green status, please visit the MPS website under Quality Assurance.
“MPS”
and “The Future of Analog IC Technology” are registered trademarks of Monolithic
Power Systems, Inc.
TYPICAL APPLICATION
MP1601A
GND
FB
VIN
C1
10
μF
EN
VIN
5V
VOUT
1.2V/1A
SW
C2
10
μF
R1
200k
Ω
R2
200k
Ω
EN
OUT
L1
1
μH


Similar Part No. - MP1601A

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MP1601 MPS-MP1601 Datasheet
694Kb / 20P
1A, Synchronous, Step-Down Converter with 11uA Quiescent Current
logo
Multicomp Pro
MP1601 MULTICOMP-MP1601 Datasheet
983Kb / 3P
19Instrument Control KnobsNewark.
09/09/22 V1.1
logo
Monolithic Power System...
MP1601GTF MPS-MP1601GTF Datasheet
694Kb / 20P
1A, Synchronous, Step-Down Converter with 11uA Quiescent Current
MP1601GTF-12 MPS-MP1601GTF-12 Datasheet
694Kb / 20P
1A, Synchronous, Step-Down Converter with 11uA Quiescent Current
MP1601GTF-15 MPS-MP1601GTF-15 Datasheet
694Kb / 20P
1A, Synchronous, Step-Down Converter with 11uA Quiescent Current
More results

Similar Description - MP1601A

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
EV2112DQ-00A MPS-EV2112DQ-00A Datasheet
162Kb / 4P
1A, 1MHz Synchronous Step-Down Converter
logo
Richtek Technology Corp...
RT8057 RICHTEK-RT8057 Datasheet
224Kb / 11P
2.25MHz 1A Synchronous Step-Down Converter
logo
Analog Microelectronics
AME5250A AME-AME5250A Datasheet
409Kb / 22P
1A, 1.5MHz Synchronous Step-Down Converter
AME5253 AME-AME5253 Datasheet
615Kb / 18P
1A, 1.5MHz Synchronous Step-Down Converter
AME5253A AME-AME5253A Datasheet
615Kb / 18P
1A, 1.5MHz Synchronous Step-Down Converter
logo
Monolithic Power System...
MP21148 MPS-MP21148 Datasheet
1Mb / 14P
1A, Synchronous, Step-Down Converter with CCM
MPQ4420A-AEC1 MPS-MPQ4420A-AEC1 Datasheet
1Mb / 20P
2A, 36V,Synchronous Step-Down Converter With PG and Ext. Sync with Forced CCM Mode, MPQ4420-AEC1 without Forced CCM Mode
MPQ4420H-AEC1 MPS-MPQ4420H-AEC1 Datasheet
1Mb / 20P
Industrial Grade, 2A, 36V,Synchronous Step-Down Converter with PG and Ext. Sync without Forced CCM Mode, MPQ4420A-AEC1 with Forced CCM Mode
logo
ACE Technology Co., LTD...
ACE7255E ACE-ACE7255E Datasheet
518Kb / 9P
24V, 2A, Forced PWM Synchronous Step-Down Converter
VER 1.1
logo
MPS Industries, Inc.
MP2174C MPSIND-MP2174C Datasheet
990Kb / 16P
2.7V-5.5V,4A, High-Efficiency,Synchronous Step-Down Converter with Forced CCM in 2×2mm QFN
Rev. 1.0 8/7/2019
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com