Electronic Components Datasheet Search
  English  ▼

X  

1072811 Datasheet(PDF) 2 Page - SICK AG

Part # 1072811
Description  INDUCTIVE PROXIMITY SENSORS
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SICK [SICK AG]
Direct Link  http://www.sick.com/
Logo SICK - SICK AG

1072811 Datasheet(HTML) 2 Page - SICK AG

  1072811 Datasheet HTML 1Page - SICK AG 1072811 Datasheet HTML 2Page - SICK AG 1072811 Datasheet HTML 3Page - SICK AG 1072811 Datasheet HTML 4Page - SICK AG 1072811 Datasheet HTML 5Page - SICK AG 1072811 Datasheet HTML 6Page - SICK AG 1072811 Datasheet HTML 7Page - SICK AG 1072811 Datasheet HTML 8Page - SICK AG  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
A
B
C
D
E
F
H
I
J
K
L
M
N
O
P
Q
R
S
T
IMB18-12NNSVC0S | IMB
INDUCTIVE PROXIMITY SENSORS
Illustration may differ
Ordering information
Type
Part no.
IMB18-12NNSVC0S
1072811
Other models and accessories
www.sick.com/IMB
Detailed technical data
Features
Housing
Cylindrical thread design
Housing
Standard
Thread size
M18
1
Diameter
Ø 18 mm
Sensing range Sn
12 mm
Safe sensing range Sa
9.72 mm
Installation type
Non-flush
Switching frequency
1,000 Hz
Connection type
Male connector M12, 4-pin 1)
Switching output
NPN
Output function
NO
Electrical wiring
DC 3-wire
Enclosure rating
IP68 2)
IP69K 3)
Special features
Resistant against coolant lubricants, Optical adjustment indicator
1) With gold plated contact pins.
2) According to EN 60529.
3) According to ISO 20653:2013-03.
Mechanics/electronics
Supply voltage
10 V DC ... 30 V DC
Ripple
≤ 10 %
Voltage drop
≤ 2 V 1)
1) At Ia max.
2) Without load.
3) Ub and Ta constant.
4) Of Sr.
5) Valid if toothed side of nut is used.
6) Reference voltage DC 50 V.
2
PROXIMITY SENSORS | SICK
Online data sheet | 2018-05-04 11:42:19
Subject to change without notice



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com