Electronic Components Datasheet Search
  English  ▼

X  

MP2149GJ Datasheet(PDF) 7 Page - Monolithic Power Systems

Part # MP2149GJ
Description  6V, 1A, Low Quiescent Current Dual, SYNC Buck Regulator
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP2149GJ Datasheet(HTML) 7 Page - Monolithic Power Systems

Back Button MP2149GJ Datasheet HTML 3Page - Monolithic Power Systems MP2149GJ Datasheet HTML 4Page - Monolithic Power Systems MP2149GJ Datasheet HTML 5Page - Monolithic Power Systems MP2149GJ Datasheet HTML 6Page - Monolithic Power Systems MP2149GJ Datasheet HTML 7Page - Monolithic Power Systems MP2149GJ Datasheet HTML 8Page - Monolithic Power Systems MP2149GJ Datasheet HTML 9Page - Monolithic Power Systems MP2149GJ Datasheet HTML 10Page - Monolithic Power Systems MP2149GJ Datasheet HTML 11Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
MP2149 –6V, 1A, LOW QUIESCENT CURRENT, DUAL, SYNC BUCK REGULATOR
MP2149 Rev.1.01
www.MonolithicPower.com
7
5/31/2013
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2013 MPS. All Rights Reserved.
PIN FUNCTIONS
Package
Pin #
Name Description
1
FB2
Feedback 2. Error amplifier input. Connect to the tap of an external resistor divider between
the output and GND. Sets the regulation voltage.
2
EN2
Channel 2 Enable. Buck.
3
SW2
Switch Node Connects to the channel 2 internal high-side and low-side power MOSFETs.
Connects to the inductor.
4
EN1
Channel 1 Enable. Buck.
5
GND
Ground.
6
SW1
Switch Node Connects to the channel 1 internal high-side and low-side power MOSFETs.
Connects to the inductor.
7
IN
Input Supply. Requires a decoupling capacitor to ground to reduce switching spikes.
8
FB1
Feedback 1. Error amplifier input. Connect to the tap of an external resistor divider between
the output and GND. Sets the regulation voltage.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com