Electronic Components Datasheet Search
  English  ▼

X  

MP2158A Datasheet(PDF) 8 Page - Monolithic Power Systems

Part # MP2158A
Description  1A, 6V, 1.5MHz, 17uA IQ, COT Synchronous Step-Down Converter in Ultra-Small 2x1.5mm QFN-8
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP2158A Datasheet(HTML) 8 Page - Monolithic Power Systems

Back Button MP2158A Datasheet HTML 4Page - Monolithic Power Systems MP2158A Datasheet HTML 5Page - Monolithic Power Systems MP2158A Datasheet HTML 6Page - Monolithic Power Systems MP2158A Datasheet HTML 7Page - Monolithic Power Systems MP2158A Datasheet HTML 8Page - Monolithic Power Systems MP2158A Datasheet HTML 9Page - Monolithic Power Systems MP2158A Datasheet HTML 10Page - Monolithic Power Systems MP2158A Datasheet HTML 11Page - Monolithic Power Systems MP2158A Datasheet HTML 12Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 14 page
background image
MP2158A – 1A, 6V, 1.5MHz SYNCHRONOUS STEP-DOWN CONVERTER
MP2158A Rev. 1.02
www.MonolithicPower.com
8
6/30/2016
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2016 MPS. All Rights Reserved.
PIN FUNCTIONS
Pin #
Name
Description
1
EN
On/off control.
2
FB
Feedback. An external resistor divider from output to AGND tapped to FB sets the
output voltage.
3
AGND
Analog ground for internal control circuit.
4
OUT
Input sense for output voltage.
5
PGND
Power ground.
6
SW
Switch output.
7
VIN
Supply voltage. The MP2158A operates from a +2.5V to +6V unregulated input. C1 is
needed to prevent large voltage spikes from appearing at the input.
8
PG
Power good indicator. The output of PG is an open-drain structure with an internal
pull-up resistor to VIN. PG is pulled up to VIN when the FB voltage is within ±10% of the
regulation level. If the FB voltage is out of that regulation range, it is low.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com