Electronic Components Datasheet Search
  English  ▼

X  

MP2161A Datasheet(PDF) 11 Page - Monolithic Power Systems

Part # MP2161A
Description  2A, 6V, 1.5MHz, 17uA IQ, COT Synchronous Step-Down Converter in 8-pin TSOT23
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP2161A Datasheet(HTML) 11 Page - Monolithic Power Systems

Back Button MP2161A Datasheet HTML 7Page - Monolithic Power Systems MP2161A Datasheet HTML 8Page - Monolithic Power Systems MP2161A Datasheet HTML 9Page - Monolithic Power Systems MP2161A Datasheet HTML 10Page - Monolithic Power Systems MP2161A Datasheet HTML 11Page - Monolithic Power Systems MP2161A Datasheet HTML 12Page - Monolithic Power Systems MP2161A Datasheet HTML 13Page - Monolithic Power Systems MP2161A Datasheet HTML 14Page - Monolithic Power Systems MP2161A Datasheet HTML 15Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 11 / 15 page
background image
MP2161A – 2A, 6V, 1.5MHz SYNCHRONOUS STEP-DOWN CONVERTER
MP2161A Rev. 1.02
www.MonolihicPower.com
11
6/30/2016
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2016 MPS. All Rights Reserved.
OPERATION
The MP2161A uses constant-on-time (COT)
control with input voltage feed forward to stabilize
the switching frequency over the full input range.
At light load, the MP2161A employs a proprietary
control of the low-side switch and inductor
current to eliminate ringing on the switching node
and improve efficiency.
Constant-On-time (COT) Control
Compared to fixed frequency PWM control,
constant-on-time
(COT)
control
offers
the
advantage of a simpler control loop and faster
transient response. By using input voltage feed
forward, the MP2161A maintains a nearly
constant switching frequency across the input
and output voltage range. The on time of the
switching pulse is estimated with Equation (1):
OUT
ON
IN
V
T0.667 s
V

(1)
To prevent inductor current runaway during load
transient, the MP2161A fixes the minimum off
time at 60ns. However, this minimum off time
limit will not affect operation of the MP2161A in
steady state.
Light-Load Operation
In a light-load condition, the MP2161A uses a
proprietary control scheme to save power and
improve efficiency. The MP2161A turns off the
low-side switch when the inductor current starts
to reverse. Then the MP2161A works in
discontinuous conduction mode (DCM) operation.
There is a zero current cross circuit to detect if
the
inductor
current
starts
to
reverse.
Considering the internal circuit propagation time,
the typical delay is 50ns. This means that with
this delay the inductor current will still fall after
the ZCD is triggered. If the inductor current falling
slew rate is fast (Vo voltage is high or close to
Vin), the low-side MOSFET (LS-FET) is turned
off, and the inductor current may be negative.
This phenomenon prevents the MP2161A from
entering DCM operation, even with no load. If
DCM mode is required, the off time of the LS-
FET in CCM should be longer than 100ns (2
times the propagation delay). For example, if Vin
is 3.6V and Vo is 3.3V, the off time in CCM is
55ns. It is difficult to enter DCM at light load.
Using a smaller inductor can improve this
condition and make it easier to enter DCM.
Enable (EN)
When the input voltage is greater than the under-
voltage lockout threshold (UVLO), typically 2.3V,
the MP2161A is enabled by pulling EN higher
than 1.2V. Floating or pulling EN down to ground
disables the MP2161A. There is an internal 1MΩ
resistor from EN to ground.
Soft Start (SS)
MP2161A has built-in soft start that ramps up the
output voltage in a controlled slew rate, avoiding
overshoot at start-up. The soft-start time is about
1.15ms typically.
Power GOOD Indicator
MP2161A has an open drain with a 550kΩ pull-
up resistor pin for a power good indicator (PG).
When FB is within +/-10% of the regulation
voltage (e.g., 0.6V), PG is pulled up to VIN by the
internal resistor. If the FB voltage is out of the +/-
10% window, PG is pulled down to ground by an
internal MOSFET. The MOSFET has a maximum
Rdson of less than 400Ω.
Current Limit
MP2161A has a typical 3.2A current limit for the
high-side switch. When the high-side switch hits
the current limit, the MP2161A reaches the
hiccup threshold until the current decreases. This
prevents the inductor current from continuing to
build up, which results in damage to the
components.
Short Circuit and Recovery
The MP2161A enters short-circuit protection
mode when the current limit is reached. It tries to
recover from the short circuit with hiccup mode.
In short-circuit protection, the MP2161A disables
the output power stage, discharges a soft-start
capacitor, and then automatically tries to soft
start again. If the short-circuit condition remains
after the soft start ends, the MP2161A repeats
this operation cycle until the short circuit
disappears, and the output rises back to
regulation level.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com