Electronic Components Datasheet Search
  English  ▼

X  

ACT510X Datasheet(PDF) 9 Page - Active-Semi, Inc

Part # ACT510X
Description  23V Buck-Boost Converter with Integrated MOSFETs
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACTIVE-SEMI [Active-Semi, Inc]
Direct Link  http://www.active-semi.com
Logo ACTIVE-SEMI - Active-Semi, Inc

ACT510X Datasheet(HTML) 9 Page - Active-Semi, Inc

Back Button ACT510X Datasheet HTML 5Page - Active-Semi, Inc ACT510X Datasheet HTML 6Page - Active-Semi, Inc ACT510X Datasheet HTML 7Page - Active-Semi, Inc ACT510X Datasheet HTML 8Page - Active-Semi, Inc ACT510X Datasheet HTML 9Page - Active-Semi, Inc ACT510X Datasheet HTML 10Page - Active-Semi, Inc ACT510X Datasheet HTML 11Page - Active-Semi, Inc ACT510X Datasheet HTML 12Page - Active-Semi, Inc ACT510X Datasheet HTML 13Page - Active-Semi, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 37 page
background image
ACT510x
Rev 1.0, 04-Apr-2018
9
Thermal Shutdown Hysteresis
TSHUT_HYS
30
C
Thermal Shutdown Deglitch
Enter or Exit Thermal Shutdown
32
us
A2D Converter
Total Error
A2DERROR
12 Bit Range
0.5
LSB
Conversion Time
A2DtCONV
All 8 Channels
100
ms
Conversion Time
A2DtCONV
1 Channel
15
ms
Input Capacitance
A2DCIN
5
pF
A2D Full Scale Input EXT_IN
A2DFS
2.5
V
A2D Full Scale VOUT
A2DVOUT
Measurement input at VOUT pin
32.5
V
A2D Full Scale VIN
A2DVIN
Measurement input at VINS Pin
25
V
A2D Full Scale OLIM, ILIM
A2DOLIM, A2DILIM
2.5
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com