Electronic Components Datasheet Search
  English  ▼

X  

ACT2801 Datasheet(PDF) 1 Page - Active-Semi, Inc

Part # ACT2801
Description  5V/1.5A Backup Battery Pack Manager
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACTIVE-SEMI [Active-Semi, Inc]
Direct Link  http://www.active-semi.com
Logo ACTIVE-SEMI - Active-Semi, Inc

ACT2801 Datasheet(HTML) 1 Page - Active-Semi, Inc

  ACT2801_17 Datasheet HTML 1Page - Active-Semi, Inc ACT2801_17 Datasheet HTML 2Page - Active-Semi, Inc ACT2801_17 Datasheet HTML 3Page - Active-Semi, Inc ACT2801_17 Datasheet HTML 4Page - Active-Semi, Inc ACT2801_17 Datasheet HTML 5Page - Active-Semi, Inc ACT2801_17 Datasheet HTML 6Page - Active-Semi, Inc ACT2801_17 Datasheet HTML 7Page - Active-Semi, Inc ACT2801_17 Datasheet HTML 8Page - Active-Semi, Inc ACT2801_17 Datasheet HTML 9Page - Active-Semi, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 25 page
background image
Innovative PowerTM
- 1 -
www.active-semi.com
Copyright © 2015-2017 Active-Semi, Inc.
FEATURES
Dedicated Single Chip Solution for Mobile Power
With Minimal Component Count
5V/1.5A Constant Output Current Limit in Boost
Mode
1.5A Switching Charger Limit
Programmable 4.1V to 4.35V Battery Voltage
95% Boost Efficiency (Vbat=4.1V)
Adaptive to 10mA-2400mA Input Sources
Battery Disconnection at Output Short
<10µA Low Battery Leakage Current at HZ
Mode During Storage
Boost Auto Turn-off at No Load and Push
Button Turn-on
Battery Over Current, Over Voltage, Over
Temperature and Short Circuit Protections
Boost Auto Startup with Load Detection
Up to 2.0A Input Current Limit with Prioritized
Power Path to Output
5V+/-100mV Output Voltage in Boost Mode
1.1MHz/0.55MHz Switching Frequencies
2.2uH SMD Inductor and Low Profile Ceramic
Capacitor
4 LEDs Battery Level and Status Indication
Battery Impedance Compensation
Full Cycle of Battery Charge Management
Preconditioning, Fast Charge, Top off and End
of Charge
Charge Current Foldback at 110°C Die
Temperature
IC Over Temperature Protection at 160°C
QFN4x4-24 Package
APPLICATIONS
Backup Battery Pack
Power Bank
Mobile Power
Standalone Battery Charger with USB Output
GENERAL DESCRIPTION
ACT2801/ACT2801B/ACT2801C is a space-saving
and
high-performance
low-profile
single-chip
solution for backup battery pack and standalone
battery charger. ACT2801/ACT2801B/ACT2801C
integrates all the functions that a backup battery
pack needs, including switching charger, boost
converter and LED indication.
ACT2801/ACT2801B/ACT2801C
operates
at
1.1MHz for switching charger and 0.55MHz for
boost converter allowing tiny external inductor and
capacitors.
ACT2801/ACT2801B/ACT2801C
provides a direct power path from input to output
with programmable current limit while providing
power to switching charger. Output has higher
priority than battery charger if the programmed
input current limit is reached.
ACT2801/ACT2801B/ACT2801C charges battery
with full cycle of preconditioning, fast charge with
constant current and constant voltage until end of
charge. The battery charger is thermally regulated
at 110°C with charge current foldback.
ACT2801/ACT2801B/ACT2801C boost converter
steps battery voltage up to 5V. Boost converter
features high efficiency, constant current regulation,
short circuit protection and over voltage protection.
ACT2801/ACT2801B/ACT2801C provides 3.5mA
constant currents to drive
4 LEDs to indicate
battery level and charge status. Battery impedance
is compensated for battery level indication.
5V/1.5A Backup Battery Pack Manager
Rev 9, 14-Mar-17
ACT2801/ACT2801B/ACT2801C
Output Current (mA)
0
200
400
600
800
1000
1200
1400
5.5
5.0
4.5
4.0
3.5
3.0
Boost CC/CV Curve
ACT2801
Vout
Vbat
AGND
PB
HZ
VIN
LED2 LED3 LED4
Vin
SW
CSP
CSN
VOUT
PGND
C1
4.7uF
10V
PB
LED1
L1 2.2uH
Rcs
50mΩ
ILIM
ICST
IOST
C3
22µF
10V
R2
1.5k
R3
97.6k
R4
39k
C2
22uF
10V
BAT
Vbat
RIMC
BLVS
R5
100k
R6
60k
R1
25k
BTV
GND
TH
NTC
R7
2.7Ω
VBAT =4.1V
VBAT =3.7V
VBAT =3.2V


Similar Part No. - ACT2801_17

ManufacturerPart #DatasheetDescription
logo
Active-Semi, Inc
ACT2801 ACTIVE-SEMI-ACT2801_14 Datasheet
614Kb / 23P
5V/1.5A Backup Battery Pack Manager
Rev 2, 15-Apr-14
ACT2801 ACTIVE-SEMI-ACT2801_16 Datasheet
679Kb / 25P
5V/1.5A Backup Battery Pack Manager
Rev 8, 01-Nov-16
More results

Similar Description - ACT2801_17

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC4110 LINER-LTC4110 Datasheet
445Kb / 52P
Battery Backup System Manager
logo
Active-Semi, Inc
ACT2801QL-T0550 ACTIVE-SEMI-ACT2801QL-T0550 Datasheet
591Kb / 21P
5V/1.5A Backup Battery Pack Manager
Rev 0, 21-Jan-14
ACT2802QL-T ACTIVE-SEMI-ACT2802QL-T Datasheet
181Kb / 5P
5V/2.5A Backup Battery Pack Manager
Rev 0, 06-Nov-13
ACT2801 ACTIVE-SEMI-ACT2801_14 Datasheet
614Kb / 23P
5V/1.5A Backup Battery Pack Manager
Rev 2, 15-Apr-14
ACT2802 ACTIVE-SEMI-ACT2802 Datasheet
586Kb / 21P
5V/2.5A Backup Battery Pack Manager
Rev 0, 21-Jan-14
ACT2804 ACTIVE-SEMI-ACT2804 Datasheet
1Mb / 20P
5V/3.4A Dual Cell Backup Battery Power Manager
Rev 2, Feb-04-2016
ACT2801 ACTIVE-SEMI-ACT2801_16 Datasheet
679Kb / 25P
5V/1.5A Backup Battery Pack Manager
Rev 8, 01-Nov-16
ACT2802 ACTIVE-SEMI-ACT2802_16 Datasheet
885Kb / 25P
5V/2.5A Backup Battery Pack Manager
Rev 7, 15-Jul-16
ACT2804 ACTIVE-SEMI-ACT2804_16 Datasheet
1Mb / 20P
5V/3.4A Dual Cell Backup Battery Power Manager
Rev 2, Feb-04-2016
ACT2802QL-T1026 ACTIVE-SEMI-ACT2802QL-T1026 Datasheet
897Kb / 25P
5V/2.5A Backup Battery Pack Manager
Rev 7, 15-Jul-16
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com