Electronic Components Datasheet Search
  English  ▼

X  

LBM676 Datasheet(PDF) 9 Page - OSRAM GmbH

Part # LBM676
Description  white SMT package, colorless clear resin
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

LBM676 Datasheet(HTML) 9 Page - OSRAM GmbH

Back Button LBM676 Datasheet HTML 5Page - OSRAM GmbH LBM676 Datasheet HTML 6Page - OSRAM GmbH LBM676 Datasheet HTML 7Page - OSRAM GmbH LBM676 Datasheet HTML 8Page - OSRAM GmbH LBM676 Datasheet HTML 9Page - OSRAM GmbH LBM676 Datasheet HTML 10Page - OSRAM GmbH LBM676 Datasheet HTML 11Page - OSRAM GmbH LBM676 Datasheet HTML 12Page - OSRAM GmbH LBM676 Datasheet HTML 13Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 15 page
background image
LB M676
2008-11-17
9
Maßzeichnung
8) Seite 15
Package Outlines
8) page 15
Kathodenkennung:
abgeschrägte Ecke
Cathode mark:
bevelled edge
Gewicht / Approx. weight:
10 mg
Gurtung / Polarität und Lage
8) Seite 15
Verpackungseinheit 3000/Rolle, ø180 mm
oder 12000/Rolle, ø330 mm
Method of Taping / Polarity and Orientation
8) page 15
Packing unit 3000/reel, ø180 mm
or 12000/reel, ø330 mm
0.05 (0.002)
0.15 (0.006)
Cathode marking
0.8 (0.031)
1.5 (0.059)
1.3 (0.051)
1.0 (0.039)
GPLY6928
typ. 1.5 (0.059) x 1.0 (0.039)
1.2 (0.047)
1.4 (0.055)
0.71 (0.028)
Cathode marking
Light emitting area
A
C
OHAY0225
1.5 (0.059)
2 (0.079)
4 (0.157)
1.55 (0.061)
4 (0.157)
Cathode/Collector Side



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com