Electronic Components Datasheet Search
  English  ▼

X  

ADL855HD Datasheet(PDF) 1 Page - ADL Embedded Solutions

Part # ADL855HD
Description  Intel Pentium M / Celeron M 1.0GHz - 1.8GHz
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADL [ADL Embedded Solutions]
Direct Link  http://www.adl-usa.com
Logo ADL - ADL Embedded Solutions

ADL855HD Datasheet(HTML) 1 Page - ADL Embedded Solutions

  ADL855HD Datasheet HTML 1Page - ADL Embedded Solutions ADL855HD Datasheet HTML 2Page - ADL Embedded Solutions  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
3.5 inch
Data subject to change without notice
ADL Embedded Solutions GmbH, Eiserfelder Straße 316 D-57080 Siegen,
ADL Embedded Solutions Inc., 4411 Morena Blvd., Suite 101
Germany P. +49 (0) 271 250 810 0 F. +49 (0) 271 250 810 20
San Diego, CA 92117-4345 P. +1 858 490-0597 F. +1 858 490-0599
e-mail: sales@adl-europe.com; web: www.adl-europe.com
e-mail: sales@adl-usa.com; web: www.adl-usa.com
Embedded Solutions
ADL855HD - Intel Pentium M / Celeron M 1.0GHz - 1.8GHz
Item Code
Part #
Description
ADL855HD-373CM
294048
Celeron M, 1.0GHz, 512k Cache
ADL855HD-370CM
294049
Celeron M, 1.5GHz, 1024K Cache
ADL855HD-745PM
294045
Pentium M, 1.8GHz, 2048K Cache
Standard Memory Options
DDR-DRAM128-3
994715
DDR-333MHz 128MB Standard Temperature
DDR-DRAM256-3LX
994826
DDR-333MHz 256MB Standard Temperature
DDR-DRAM512-3LX
994926
DDR-333MHz 512MB Standard Temperature
DDR-DRAM1024-3LX
994024
DDR-333MHz 1GB Standard Temperature
DDR-DRAM256-3-EX
994829
DDR-333MHz 256MB Extended Temperature
DDR-DRAM512-3-EX
994929
DDR-333MHz 512MB Extended Temperature
DDR-DRAM1024-3-EX
994029
DDR-333MHz 1GB Extended Temperature
Options
ADL35-COMOPT
294000
Additional com port added
*More options are available . Please contact your sales representative
Extended Temp. Memory Options
The ADL855HD is based on the Intel® Pentium® M / Celeron® M processors offer-
ing clock rates up to 1.8GHz. The Intel® 855GME chipset (GMCH) supports a
400MHz FSB with integrated Intel® Graphics controller “Extreme Graphics 2“. It
can drive either a DVI/CRT or LVDS LCD. The memory is added via 2x SO-
DIMM200 sockets and can accept up to 2 Gigabytes of DDR333 SDRAM.
The ADL855HD power management incorporates ACPI/APM functions, which
utilizes Intel's Advanced SpeedStep® (Pentium® M only) feature. The standard
ADL855PC also incorporates Mini-PCI Bus, EIDE, 6xUSB 2.0, 4xRS232 COM
ports, PS/2 Keyboard and Mouse, ELO Touch Screen (COM4), AC97 Sound,
separate 10/100MBit and 10/100/100 Mbit Ethernet LAN, hardware monitoring
and more.
ADL Embedded Solutions offer highly effective active and passive cooling solu-
tions based on proven thermal data and mounting techniques; resulting in the
least possible mechanical board stress. Please contact your Sales Engineer for
detailed information on cooling solutions to fit your needs.
Note: On the basis of its current material planning, ADL Embedded Solutions
guarantees product availability for the 855GME chipset, Pentium-M 745 1.8GHz
and Celeron-M 373 1.0GHz processors until 2015, thus providing sufficient time
for customers to transition from the 16-bit ISA bus to newer interconnect technolo-
gies. The Celeron-M at 600MHz and 1.5Ghz, and the Pentium-M at 1.4GHz proc-
essors will undergo normal last time buy process when EOL is announced by
Intel. Please contact Sales for additional information.
Ordering Information
Description
Features
• Intel® Pentium® M / Celeron® M, 1.0GHz - 1.8GHz
• Intel® 855GME / ICH4, 400MHz FSB
• Power Management (APM 1.2 plus features)
• Up to 2GB DDR 333Mhz SDRAM (1GB x 2)
• Four Serial connections
• Onboard DVI Connector
• 10/100 Mbit and 10/100/1000 Mbit Ethernet Ports
• 6 x USB2.0 Ports
• CRT and 18/24 Bit LVDS/TFT Connections
• Mini-PCI Interface
• RTC and Watchdog Timer
• 5VDC, 5VDC Suspend (12VDC for fans)
• Dedicated Resistive Touch Screen
• Windows 7, Windows 8, Linux Compatible


Similar Part No. - ADL855HD

ManufacturerPart #DatasheetDescription
logo
ADL Embedded Solutions
ADL855HD ADL-ADL855HD Datasheet
215Kb / 2P
Intel Pentium M / Celeron M 1.0GHz - 1.8GHz
ADL855HD-370CM ADL-ADL855HD-370CM Datasheet
215Kb / 2P
Intel Pentium M / Celeron M 1.0GHz - 1.8GHz
ADL855HD-373CM ADL-ADL855HD-373CM Datasheet
215Kb / 2P
Intel Pentium M / Celeron M 1.0GHz - 1.8GHz
ADL855HD-745PM ADL-ADL855HD-745PM Datasheet
215Kb / 2P
Intel Pentium M / Celeron M 1.0GHz - 1.8GHz
More results

Similar Description - ADL855HD

ManufacturerPart #DatasheetDescription
logo
ADL Embedded Solutions
ADL855HD ADL-ADL855HD Datasheet
215Kb / 2P
Intel Pentium M / Celeron M 1.0GHz - 1.8GHz
logo
AAEON Technology
MPC-8890 AAEON-MPC-8890 Datasheet
677Kb / 1P
Intel Pentium M or Celeron M Processors
PCM-8300 AAEON-PCM-8300 Datasheet
711Kb / 1P
Intel Pentium M or Celeron M Processors
AEC-6915 AAEON-AEC-6915 Datasheet
307Kb / 2P
4 PCI Mini-size Embedded Controller With Intel Pentium M/ Celeron M Processor
FWS-2300 AAEON-FWS-2300 Datasheet
291Kb / 2P
Desktop Intel Pentium M/ Celeron M Network Appliance With 4 LAN Ports
FWS-7300 AAEON-FWS-7300 Datasheet
491Kb / 2P
1U Intel Pentium M/ Celeron M Network Appliance With 8 LAN & PCI Expansion Slots
XTX-915 AAEON-XTX-915 Datasheet
206Kb / 1P
Intel Pentium M/ Celeron짰 M Processors
logo
ADL Embedded Solutions
ADL855PC ADL-ADL855PC_17 Datasheet
456Kb / 2P
ADL855PC - Pentium짰 M / Celeron짰 M CPU 1.0GHz - 1.8GHz
logo
Advantech Co., Ltd.
SOM-7568 ADVANTECH-SOM-7568 Datasheet
823Kb / 2P
Intel Pentium/Celeron N3000 Series
MIO-2360 ADVANTECH-MIO-2360 Datasheet
929Kb / 2P
Intel Pentium N4200/Celeron N3350/
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com