Electronic Components Datasheet Search
  English  ▼

X  

ADL35PCIE Datasheet(PDF) 2 Page - ADL Embedded Solutions

Part # ADL35PCIE
Description  Hardware Monitoring
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADL [ADL Embedded Solutions]
Direct Link  http://www.adl-usa.com
Logo ADL - ADL Embedded Solutions

ADL35PCIE Datasheet(HTML) 2 Page - ADL Embedded Solutions

  ADL35PCIE Datasheet HTML 1Page - ADL Embedded Solutions ADL35PCIE Datasheet HTML 2Page - ADL Embedded Solutions  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
3.5 - Inch SBC
Data subject to change without notice
ADL Embedded Solutions GmbH, Eiserfelder Straße 316 D-57080 Siegen,
ADL Embedded Solutions Inc., 4411 Morena Blvd., Suite
101
Germany P. +49 (0) 271 250 810 0 F. +49 (0) 271 250 810 20
San Diego, CA 92117-4345 P. +1 858 490-0597 F. +1 858 490-0599
e-mail: sales@adl-europe.com; web: www.adl-europe.com
e-mail: sales@adl-usa.com; web: www.adl-usa.com
Technical Specifications
FEATURE
FUNCTION
REMARKS
OPTIONS
Processor/CPU:
Intel® Celeron / CoreTM 2 Duo / CoreTM 2 Quad
Socket PGA478
Celeron T3100 1.9GHz
Core™ 2 Duo T9400 2.53GHz
CoreTM 2 Quad Q9100 2.26GHz
L2-Cache:
1MB /6MB /12MB
Celeron: T3100 1MB
Core™ 2 Duo: T9400 6MB
CoreTM 2 Quad Q9100 12MB
Front Side Bus:
800/1066 MHz
CPU dependent
Celeron® - 800MHz FSB
Core™ 2 Duo: T9400 1066MHz
CoreTM 2 Quad Q9100 1066MHz
CPU-Clock:
1.9GHz — 2.53GHz
Memory 204pin DDR3 SODIMM:
2GB – 4GB per bank (max 8GB)
800/1066MHz
Video Controller:
Intel® GS45 integrated
Intel® Gen 5.0 integrated graphics
engine
Video Memory:
Max 128MB UMA / Max 352MB DVMT
Video Interfaces:
2x DVI-I/HDMI, Analog CRT
Dual Independent display
Video Channel 1:
2048 x 1536@60Hz
Video Channel 2:
Real Time Clock:
Yes
External Battery Required for RTC
LAN-Controller(s):
ICH9M-E / 567 Phy and Intel® 82574L
10/100/1000Mbit
AC97-Controller:
Intel® ICH9M-E
ALC889 Codec - Intel® HDA (2ch, 6ch.)
SMBus-Controller:
Intel® ICH9M-E
USB2-Controller:
8x USB 2.0 compliant
Flash BIOS:
SPI-Flash
BIOS:
Phoenix Award
Power Management Control:
ACPI 3.0 / APM 1.2
S-States: S0, S1, S4, S5
EIDE-Controller:
None
Onboard Flash SSD:
--
SATA Controller:
Intel® ICH9M-E
4 Ports SATA 3Gb/s
SATA RAID:
Intel® ICH9M-E
SATA RAID Levels 0/1/5/10
Hardware Monitor:
SMSC SCH3114 SuperIO
Audio Output:
Line Out, SPDIF Out
5.1 Support
Audio Input:
Line In, SPDIF In, MIC
Keyboard:
PS/2-USB
Mouse:
PS/2-USB
COM1/COM2:
RS232
COM3/COM4:
RS232
LPT1:
--
Floppy Disk:
--
ISA-Bus:
--
PCI-Bus:
PC/104-Plus V2.0
Mini-PCI socket
PCI Express Bus
PCI/104-Express V1.1
4 x1 Lanes or 1 x4 Lane
Riser card slot onboard
Power Supply:
+5V, +12V, +5V Suspend ±5%
+12 for fans
Power consumption:
T.B.D.
Operating Temperature:
(typ. ambient)
T.B.D.
Dimensions:
146mm x 112mm (3.5-inch form factor)



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com