Electronic Components Datasheet Search
  English  ▼

X  

DS26503 Datasheet(PDF) 39 Page - Dallas Semiconductor

Part # DS26503
Description  T1/E1/J1 BITS Element
PDF  123 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS26503 Datasheet(HTML) 39 Page - Dallas Semiconductor

Back Button DS26503 Datasheet HTML 35Page - Dallas Semiconductor DS26503 Datasheet HTML 36Page - Dallas Semiconductor DS26503 Datasheet HTML 37Page - Dallas Semiconductor DS26503 Datasheet HTML 38Page - Dallas Semiconductor DS26503 Datasheet HTML 39Page - Dallas Semiconductor DS26503 Datasheet HTML 40Page - Dallas Semiconductor DS26503 Datasheet HTML 41Page - Dallas Semiconductor DS26503 Datasheet HTML 42Page - Dallas Semiconductor DS26503 Datasheet HTML 43Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 123 page
background image
DS26503 T1/E1/J1 BITS Element
39 of 123
7.6 Information Registers
Information registers operate the same as status registers except they cannot cause interrupts. INFO3
register is a read-only register and it reports the status of the E1 synchronizer in real time. INFO3
information bits are not latched, and it is not necessary to precede a read of these bits with a write.
7.7 Interrupt Information Registers
The Interrupt Information Registers provide an indication of which Status Registers (SR1 through SR3)
are generating an interrupt. When an interrupt occurs, the host can read IIR to quickly identify which of
the three status registers are causing the interrupt.
Register Name:
IIR
Register Description:
Interrupt Information Register
Register Address:
13h
Bit #
7
6
5
4
3
2
1
0
Name
—
—
—
—
SR4
SR3
SR2
SR1
Default
0
0
0
0
0
0
0
0
HW
Mode
X
X
X
X
X
X
X
X
Bit 0/Status Register 1 (SR1).
0 = Status Register 1 interrupt not active.
1 = Status Register 1 interrupt active.
Bit 1/Status Register 2 (SR2).
0 = Status Register 1 interrupt not active.
1 = Status Register 1 interrupt active.
Bit 2/Status Register 3 (SR3).
0 = Status Register 1 interrupt not active.
1 = Status Register 1 interrupt active.
Bit 3/Status Register 4 (SR4).
0 = Status Register 1 interrupt not active.
1 = Status Register 1 interrupt active.
Bit 4/Unused.
Bit 5/Unused.
Bit 6/Unused.
Bit 7/Unused.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com