Electronic Components Datasheet Search
  English  ▼

X  

LR6200 Datasheet(PDF) 7 Page - Leshan Radio Company

Part # LR6200
Description  Ultra Fast High PSRR Low Noise CMOS Voltage Regulator
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LRC [Leshan Radio Company]
Direct Link  http://www.lrc.cn/
Logo LRC - Leshan Radio Company

LR6200 Datasheet(HTML) 7 Page - Leshan Radio Company

Back Button LR6200 Datasheet HTML 3Page - Leshan Radio Company LR6200 Datasheet HTML 4Page - Leshan Radio Company LR6200 Datasheet HTML 5Page - Leshan Radio Company LR6200 Datasheet HTML 6Page - Leshan Radio Company LR6200 Datasheet HTML 7Page - Leshan Radio Company LR6200 Datasheet HTML 8Page - Leshan Radio Company LR6200 Datasheet HTML 9Page - Leshan Radio Company LR6200 Datasheet HTML 10Page - Leshan Radio Company LR6200 Datasheet HTML 11Page - Leshan Radio Company Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
TYPICAL PERFORMANCE CHARACTERISTICS
COUT Auto-Discharge Function
LR6200B series can discharge the electric charge in the output capacitor (COUT), when a
low signal to the CE pin, which enables a whole IC circuit turn off, is inputted via the
N-channel transistor located between the VOUT pin and the VSS pin (cf. BLOCK DIAGRAM).
The COUT auto-discharge resistance value is set at 80 (VOUT=3.0V @ VIN=5.0V at typical).
The discharge time of the output capacitor (COUT) is set by the COUT auto-discharge
resistance (R) and the output capacitor (COUT). By setting time constant of a COUT
auto-discharge resistance value [RDISCHRG] and an output capacitor value (COUT) as
=C
x RDISCHRG), the output voltage after discharge via the N-channel transistor is calculated by
the following formulas.
( V : Output voltage after discharge, VOUT(E) : Output voltage, t: Discharge time,
: COUT auto-discharge resistance RDISCHRG×Output capacitor (COUT) value C)
LR6200B28M
LESHAN RADIO COMPANY, LTD.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com