Electronic Components Datasheet Search
  English  ▼

X  

LR6300 Datasheet(PDF) 4 Page - Leshan Radio Company

Part # LR6300
Description  Ultralow-Noise, High PSRR, Fast RF Low-Dropout CMOS Voltage Regulator
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LRC [Leshan Radio Company]
Direct Link  http://www.lrc.cn/
Logo LRC - Leshan Radio Company

LR6300 Datasheet(HTML) 4 Page - Leshan Radio Company

  LR6300 Datasheet HTML 1Page - Leshan Radio Company LR6300 Datasheet HTML 2Page - Leshan Radio Company LR6300 Datasheet HTML 3Page - Leshan Radio Company LR6300 Datasheet HTML 4Page - Leshan Radio Company LR6300 Datasheet HTML 5Page - Leshan Radio Company LR6300 Datasheet HTML 6Page - Leshan Radio Company LR6300 Datasheet HTML 7Page - Leshan Radio Company LR6300 Datasheet HTML 8Page - Leshan Radio Company  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
V0.5
NOTE:
(1) Minimum VIN is 1.8V or VOUT + VDO, whichever is greater.
(2) Vdif:The difference of output voltage and input voltage when input voltage is decreased
gradually till output voltage equals to 98% of VOUT (E).
DROPOUT VOLTAGE CHART
Setting Output Voltage
Dropout Voltage (mV) Typ.
VOUT(V)
IOUT=100mA
IOUT=200mA
IOUT=300mA
IOUT=500mA
1.2
372mV
642mV
876mV
1.368V
1.5
248mV
471mV
681mV
1.128V
1.8
189mV
370mV
550mV
947mV
2.1
157mV
311mV
469mV
820mV
2.5
132mV
265mV
400mV
706mV
2.8
120mV
241mV
365mV
645mV
3.0
111mV
229mV
348mV
612mV
3.3
107mV
214mV
325mV
574mV
3.6
101mV
203mV
307mV
542mV
4.0
98mV
184mV
292mV
506Mv
4.5
93mV
183mV
275mV
474mV
5.0
88mV
173mV
261mV
446mV
TYPICAL PERFORMANCE CHARACTERISTICS
LESHAN RADIO COMPANY, LTD.
4/8



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com