Electronic Components Datasheet Search
  English  ▼

X  

LR8304 Datasheet(PDF) 2 Page - Leshan Radio Company

Part # LR8304
Description  Low Power DC-DC Step-Up Converter
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LRC [Leshan Radio Company]
Direct Link  http://www.lrc.cn/
Logo LRC - Leshan Radio Company

LR8304 Datasheet(HTML) 2 Page - Leshan Radio Company

  LR8304 Datasheet HTML 1Page - Leshan Radio Company LR8304 Datasheet HTML 2Page - Leshan Radio Company LR8304 Datasheet HTML 3Page - Leshan Radio Company LR8304 Datasheet HTML 4Page - Leshan Radio Company LR8304 Datasheet HTML 5Page - Leshan Radio Company LR8304 Datasheet HTML 6Page - Leshan Radio Company LR8304 Datasheet HTML 7Page - Leshan Radio Company LR8304 Datasheet HTML 8Page - Leshan Radio Company LR8304 Datasheet HTML 9Page - Leshan Radio Company Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
TYPICAL APPLICATION CIRCUIT
SW
VSS
FB
10
H
10K
EN
R1
R2
COUT
1
F
D1
VIN
CFF
CIN
4.7
F
VOUT= VIN to 28V
VIN= 2.0V to 5.5V
Figure 1 Standard Application Circuit
PIN CONFIGURATION
SOT23-6
SOT23-5
DFN2X2-6
Top View
Top View
Top View
PIN
DESCRIPTION
SOT23-6
SOT23-5
DFN2X2-6
NAME
E
M
FB6
FB6B
3
1
6
4
SW
Switch Pin. Switch Pin. It is connected to the
drain of the internal power MOSFET. Connect this
pin to the inductor and Schottky diode.
4
2
1
3
GND
Ground
6
3
4
1
FB
Feedback Pin. Feedback Pin. Connect this pin to
the external voltage divider to program the desired
output voltage.
2
4
3
5
EN
Chip Enable. Enable Pin. Pulling this pin to
ground forces the device into shutdown mode
reducing the supply current to less than 1 A. This
pin should not be left floating and needs to be
terminated.
1
5
2
6
VIN
Chip Supply Pin. Power Supply. Must be closely
decoupled to GND with a capacitor
5
-
5
2
NC
No Connection
-
-
7
7
Exposed
Pad
Power Ground Exposed Pad.
Must be connected to GND plane.
LESHAN RADIO COMPANY, LTD.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com