Electronic Components Datasheet Search
  English  ▼

X  

LR8425 Datasheet(PDF) 4 Page - Leshan Radio Company

Part # LR8425
Description  5A, 500KHz Synchronous Boost Converter with Output Disconnect
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LRC [Leshan Radio Company]
Direct Link  http://www.lrc.cn/
Logo LRC - Leshan Radio Company

LR8425 Datasheet(HTML) 4 Page - Leshan Radio Company

  LR8425 Datasheet HTML 1Page - Leshan Radio Company LR8425 Datasheet HTML 2Page - Leshan Radio Company LR8425 Datasheet HTML 3Page - Leshan Radio Company LR8425 Datasheet HTML 4Page - Leshan Radio Company LR8425 Datasheet HTML 5Page - Leshan Radio Company LR8425 Datasheet HTML 6Page - Leshan Radio Company LR8425 Datasheet HTML 7Page - Leshan Radio Company  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
the feedback network must tie directly to the AGND pin. Connecting the
network to the PGND can inject noise into the system and effect
performance.
The feedback network, resistors R1 and R2 must be connected to FB pin
directly as closely as possible. And FB is a sensitive signal node, trace
area at FB pin should be small.
Please keep FB away from the inductor and SW switching node on the
PCB layout to minimize copper trace connections that can inject noise into
the system.
9
AGND
I
Analog Ground. The analog ground ties to all of the noise sensitive
signals. Provide a clean ground for the analog control circuitry and should
not be in the path of large currents.
Return for output voltage set resistor divider.
Connect this pin to PGND.
10
LBO
O
Low Battery Comparator Output (open drain).
(1) I = input; O = output; P = power
ABSOLUTE MAXIMUM RATINGS
(1)
PARAM ETER
SYM BOL
RATINGS
UNITS
CE Voltage
(2)
VCE
VOUT+0.3
V
Other Pins Voltage
(2)
6
V
Power
Dissipation
(3)
QFN2.1X2.1-10
PD@TA=25
2.5
W
Package Thermal Resistance
(4)
θ
JA
50
°C/W
θ
JC
10
°C/W
Operating Junction Temperature Range
Tj
150
°C
Lead Temperature(Soldering, 10 sec)
Tsolder
260
°C
Storage Temperature Range
Tstg
-65~150
°C
(1) Stresses beyond those listed under absolute maximum ratings may cause permanent damage to the device. These are
stress ratings only, and functional operation of the device at these or any other conditions beyond those indicated under
recommended operating conditions is not implied. Exposure to absolute-maximum -rated conditions for extended periods
my affect device reliability.
(2) All voltages are with respect to network ground terminal.
(3) The maximum allowable power dissipation is a function of the maximum junction temperature TJ (MAX), the junction-to
ambient thermal resistance
θ
JA, and the am bient temperature TA. The m axim um allowable continuous power dissipation at
any ambient temperature is calculated by PD (MAX) = [ TJ(MAX)-TA ]/
θ
JA. E xceeding the m aximum allowable power
dissipation will cause excessive die temperature, and the regulator will go into thermal shutdown. Internal thermal
shutdown circuitry protects the device from permanent damage.
(4)
θ
JA is m easured in the natural convection at TA=25
on a four-layer Chipower Evaluation Board
LESHAN RADIO COMPANY, LTD.
Ver0.5
4/7



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com