Electronic Components Datasheet Search
  English  ▼

X  

LR8803 Datasheet(PDF) 2 Page - Leshan Radio Company

Part # LR8803
Description  Ultra-Small High-Precision Low Voltage Detector
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LRC [Leshan Radio Company]
Direct Link  http://www.lrc.cn/
Logo LRC - Leshan Radio Company

LR8803 Datasheet(HTML) 2 Page - Leshan Radio Company

  LR8803 Datasheet HTML 1Page - Leshan Radio Company LR8803 Datasheet HTML 2Page - Leshan Radio Company LR8803 Datasheet HTML 3Page - Leshan Radio Company LR8803 Datasheet HTML 4Page - Leshan Radio Company LR8803 Datasheet HTML 5Page - Leshan Radio Company LR8803 Datasheet HTML 6Page - Leshan Radio Company LR8803 Datasheet HTML 7Page - Leshan Radio Company LR8803 Datasheet HTML 8Page - Leshan Radio Company LR8803 Datasheet HTML 9Page - Leshan Radio Company Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
PIN CONFIGURATION
Series SOT-23-3/SOT-23
PIN NO.
M
MA
MB
FUNCTION
1V
V
DD
V
DD
Voltage input pin
DD
2
V-
OUT
V
Voltage detection output pin
OUT
-
V
-
SS
Ground
3
V-
SS
V
Ground
SS
-V
-
OUT
Voltage detection output pin
Series SOT-89-3
PIN NO.
P
FUNCTION
1
VOUT
Voltage detection output pin
2
V
Voltage input pin
DD
3VSS
Ground
Series SOT343
PIN NO.
MR
FUNCTION
1VOUT
Voltage detection output pin
2V
Voltage input pin
DD
3
VSS
Ground
4NC
No connection
5NC
No connection
PIN NO.
N
FUNCTION
1VOUT
Voltage detection output pin
2
V
Voltage input pin
DD
3
NC
No Connection
4
V
Ground
SS
Series SOT-23-5
LESHAN RADIO COMPANY, LTD.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com