Electronic Components Datasheet Search
  English  ▼

X  

MP2234 Datasheet(PDF) 1 Page - Monolithic Power Systems

Part # MP2234
Description  High-Efficiency, 2A, 16V, 800kHz Synchronous, Step-Down Converter
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP2234 Datasheet(HTML) 1 Page - Monolithic Power Systems

  MP2234 Datasheet HTML 1Page - Monolithic Power Systems MP2234 Datasheet HTML 2Page - Monolithic Power Systems MP2234 Datasheet HTML 3Page - Monolithic Power Systems MP2234 Datasheet HTML 4Page - Monolithic Power Systems MP2234 Datasheet HTML 5Page - Monolithic Power Systems MP2234 Datasheet HTML 6Page - Monolithic Power Systems MP2234 Datasheet HTML 7Page - Monolithic Power Systems MP2234 Datasheet HTML 8Page - Monolithic Power Systems MP2234 Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 21 page
background image
MP2234
High-Efficiency, 2A, 16V, 800kHz
Synchronous, Step-Down Converter
MP2234 Rev. 1.0
www.MonolithicPower.com
1
5/16/2013
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2013 MPS. All Rights Reserved.
DESCRIPTION
The MP2234 is a high-frequency, synchronous,
rectified,
step-down,
switch-mode
converter
with built-in power MOSFETs. It offers a very
compact solution to achieve a 2A continuous
output current with excellent load and line
regulation over a wide input supply range. The
MP2234 has synchronous mode operation for
higher efficiency over the output current load
range.
Current-mode operation provides fast transient
response and eases loop stabilization.
Full protection features include over-current
protection and thermal shut down.
The MP2234 requires a minimal number of
readily-available standard external components,
and is available in a space-saving 8-pin
TSOT23 package.
FEATURES
 Wide 4.5V-to-16V Operating Input Range
 100mΩ/40mΩ Low R
DS(ON) Internal Power
MOSFETs
 High-Efficiency Synchronous Mode
Operation
 Fixed 800kHz Switching Frequency
 Synchronizes from a 300kHz-to-2MHz
External Clock
 Power-Save Mode at Light Load
 External Soft-Start
 OCP Protection and Hiccup
 Thermal Shutdown
 Output Adjustable from 0.8V
 Available in an 8-pin TSOT-23 Package
APPLICATIONS
 Notebook Systems and I/O Power
 Digital Set-Top Boxes
 Flat-Panel Television and Monitors
 Distributed Power Systems
All MPS parts are lead-free and adhere to the RoHS directive. For MPS green
status, please visit MPS website under Quality Assurance.
“MPS” and “The
Future of Analog IC Technology
” are Registered Trademarks of Monolithic
Power Systems, Inc.
TYPICAL APPLICATION


Similar Part No. - MP2234

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MP2234S MPS-MP2234S Datasheet
722Kb / 19P
High-Efficiency, 2A, 16V, 800kHz Synchronous, Step-Down Converter
MP2234SGJ MPS-MP2234SGJ Datasheet
722Kb / 19P
High-Efficiency, 2A, 16V, 800kHz Synchronous, Step-Down Converter
More results

Similar Description - MP2234

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MP1494 MPS-MP1494 Datasheet
402Kb / 15P
High-Efficiency, 2A, 16V, 500kHz Synchronous, Step-Down Converter
MP1496 MPS-MP1496 Datasheet
585Kb / 15P
High-Efficiency, 2A, 16V, 500kHz Synchronous, Step-Down Converter
MP1498 MPS-MP1498 Datasheet
628Kb / 18P
High-Efficiency, 2A, 16V, 1.4MHz Synchronous, Step-Down Converter
MP1470B MPS-MP1470B Datasheet
418Kb / 18P
High Efficiency, 2A, 16V, 500kHz Synchronous, Step-Down Converter
MP1474S MPS-MP1474S Datasheet
621Kb / 19P
High-Efficiency, 2A, 16V, 500kHz Synchronous, Step-Down Converter
MP1496S MPS-MP1496S Datasheet
584Kb / 15P
High-Efficiency, 2A, 16V, 500kHz Synchronous, Step-Down Converter
MP2228 MPS-MP2228 Datasheet
562Kb / 16P
High-Efficiency, 2A, 16V, 800kHz Synchronous, Step-Down Converter
MP2234S MPS-MP2234S Datasheet
722Kb / 19P
High-Efficiency, 2A, 16V, 800kHz Synchronous, Step-Down Converter
MP2235 MPS-MP2235 Datasheet
1Mb / 21P
High-Efficiency, 3A, 16V, 800kHz Synchronous, Step-Down Converter
MP2240 MPS-MP2240 Datasheet
567Kb / 16P
High-Efficiency, 3A, 16V, 800kHz Synchronous, Step-Down Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com