Electronic Components Datasheet Search
  English  ▼

X  

LUWH9QP Datasheet(PDF) 9 Page - OSRAM GmbH

Part # LUWH9QP
Description  SMD epoxy package
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

LUWH9QP Datasheet(HTML) 9 Page - OSRAM GmbH

Back Button LUWH9QP Datasheet HTML 5Page - OSRAM GmbH LUWH9QP Datasheet HTML 6Page - OSRAM GmbH LUWH9QP Datasheet HTML 7Page - OSRAM GmbH LUWH9QP Datasheet HTML 8Page - OSRAM GmbH LUWH9QP Datasheet HTML 9Page - OSRAM GmbH LUWH9QP Datasheet HTML 10Page - OSRAM GmbH LUWH9QP Datasheet HTML 11Page - OSRAM GmbH LUWH9QP Datasheet HTML 12Page - OSRAM GmbH LUWH9QP Datasheet HTML 13Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 24 page
background image
Version 1.11 (not for new design)
LUW H9QP
2016-10-27
9
Forward Current 5) page 23 , 6) page 23
Durchlassstrom 5) Seite 23 , 6) Seite 23
IF = f (VF); TS = 25 °C
Relative Luminous Flux 5) page 23 , 6) page 23
Relativer Lichtstrom 5) Seite 23 , 6) Seite 23
ΦVV(700 mA) = f(IF); TS = 25 °C
Chromaticity Coordinate Shift 5) page 23
Farbortverschiebung 5) Seite 23
Cx, Cy = f(IF); TS = 25 °C
LUW H9QP
2,8
3,33
2,9
3,0
3,1
3,2
VF [V]
100
200
400
600
800
1000
1200
IF [mA]
: ultra white
LUW H9QP
10
0
40
0
60
0
80
0
10
00
12
00
IF [mA]
0,0
0,2
0,4
0,6
0,8
1,0
1,2
1,4
1,6
Φ
V
Φ
V(700mA)
: ultra white
LUW H9QP
10
0
40
0
60
0
80
0
10
00
12
00
IF [mA]
0,325
0,330
0,335
0,340
0,345
0,350
Cx
Cy
: Cx
: Cy



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com