Electronic Components Datasheet Search
  English  ▼

X  

HCF4040BEY Datasheet(PDF) 5 Page - STMicroelectronics

Part # HCF4040BEY
Description  RIPPLE-CARRY BINARY COUNTER/DIVIDERS 12 STAGE
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

HCF4040BEY Datasheet(HTML) 5 Page - STMicroelectronics

  HCF4040BEY Datasheet HTML 1Page - STMicroelectronics HCF4040BEY Datasheet HTML 2Page - STMicroelectronics HCF4040BEY Datasheet HTML 3Page - STMicroelectronics HCF4040BEY Datasheet HTML 4Page - STMicroelectronics HCF4040BEY Datasheet HTML 5Page - STMicroelectronics HCF4040BEY Datasheet HTML 6Page - STMicroelectronics HCF4040BEY Datasheet HTML 7Page - STMicroelectronics HCF4040BEY Datasheet HTML 8Page - STMicroelectronics HCF4040BEY Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
HCF4040B
5/10
DYNAMIC ELECTRICAL CHARACTERISTICS (Tamb = 25°C, CL = 50pF, RL = 200KΩ, tr = tf = 20 ns)
(*) Typical temperature coefficient for all VDD value is 0.3 %/°C.
Symbol
Parameter
Test Condition
Value (*)
Unit
VDD (V)
Min.
Typ.
Max.
INPUT-PULSE OPERATION
tPLH tPHL Propagation Delay Time
(
∅ to Q1 Out)
5
180
360
ns
10
80
160
15
65
130
tPLH tPHL Propagation Delay Time
(Qn to Qn+1)
5
100
200
ns
10
40
80
15
30
60
tTHL tTLH Transition Time
5
100
200
ns
10
50
100
15
40
80
tW
Minimum Input Pulse
Width
570
140
ns
10
30
60
15
20
40
tr , tf
Input Pulse Rise and Fall
Time
5
unlimited
µs
10
15
fmax
Maximum Clock Input
Frequency
5
3.5
7
MHz
10
8
16
15
12
24
RESET OPERATION
tPHL
Propagation Delay Time
5
140
280
ns
10
60
120
15
50
100
tW
Minimum Reset Pulse
Width
5
100
200
ns
10
40
80
15
30
60
tREM
Reset Removal Time
5
175
350
ns
10
75
150
15
50
100



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com