Electronic Components Datasheet Search
  English  ▼

X  

HT36A3 Datasheet(PDF) 4 Page - Holtek Semiconductor Inc

Part # HT36A3
Description  8-Bit Music Synthesizer MCU
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT36A3 Datasheet(HTML) 4 Page - Holtek Semiconductor Inc

  HT36A3 Datasheet HTML 1Page - Holtek Semiconductor Inc HT36A3 Datasheet HTML 2Page - Holtek Semiconductor Inc HT36A3 Datasheet HTML 3Page - Holtek Semiconductor Inc HT36A3 Datasheet HTML 4Page - Holtek Semiconductor Inc HT36A3 Datasheet HTML 5Page - Holtek Semiconductor Inc HT36A3 Datasheet HTML 6Page - Holtek Semiconductor Inc HT36A3 Datasheet HTML 7Page - Holtek Semiconductor Inc HT36A3 Datasheet HTML 8Page - Holtek Semiconductor Inc HT36A3 Datasheet HTML 9Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
Absolute Maximum Ratings
Supply Voltage .............................VSS
-0.3V to VSS+6V
Storage Temperature ...........................
-50°Cto125°C
Input Voltage .............................VSS
-0.3V to VDD+0.3V
Operating Temperature ..........................
-25°Cto70°C
Note: These are stress ratings only. Stresses exceeding the range specified under
²Absolute Maximum Ratings² may
cause substantial damage to the device. Functional operation of this device at other conditions beyond those
listed in the specification is not implied and prolonged exposure to extreme conditions may affect device reliabil-
ity.
D.C. Characteristics
Ta=25
°C
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
VDD
Conditions
VDD
Operating Voltage
¾¾
2.2
4.5
5.5
V
IDD
Operating Current
4.5V
No load, fOSC=8MHz
¾
816
mA
ISTB
Standby Current (WDT Disabled)
4.5V
No load, System HALT
¾
13
mA
IOH
I/O Ports Source Current
4.5V
VOH=4.5V
23
¾
mA
IOL
I/O Ports Sink Current
4.5V
VOL=0.5V
23
¾
mA
VIH
Input High Voltage for I/O Ports
4.5V
¾
0.8VDD
¾
VDD
V
VIL
Input Low Voltage for I/O Ports
4.5V
¾
0
¾
0.2VDD
V
HT36A3
Rev. 1.00
4
June 30, 2003



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com