Electronic Components Datasheet Search
  English  ▼

X  

HT82M22 Datasheet(PDF) 1 Page - Holtek Semiconductor Inc

Part # HT82M22
Description  5-Key 3D USBPS/2 Optical Mouse Controller
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT82M22 Datasheet(HTML) 1 Page - Holtek Semiconductor Inc

  HT82M22 Datasheet HTML 1Page - Holtek Semiconductor Inc HT82M22 Datasheet HTML 2Page - Holtek Semiconductor Inc HT82M22 Datasheet HTML 3Page - Holtek Semiconductor Inc HT82M22 Datasheet HTML 4Page - Holtek Semiconductor Inc HT82M22 Datasheet HTML 5Page - Holtek Semiconductor Inc HT82M22 Datasheet HTML 6Page - Holtek Semiconductor Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
HT82M22A
5-Key 3D USB+PS/2 Optical Mouse Controller
Block Diagram
Rev. 1.10
1
August 4, 2004
Features
· Operating voltage: 4.4V~5.25V
· Compatible with Microsoft Windows 2000 and
5-button Wheel Mouse
· Complete Universal Serial Bus specs V1.1
compatibility
· Serial Bus Interface Engine (SIE)
· USB transceiver
· Microsoft 3D Intelli mouse and IBM PS/2 mouse
compatible
· Supports five buttons and Z-axes input
· Z-axis can support two kinds of scroller input
(optomechanical and mechanical)
· Single chip solution especially for USB mouse
function
· HALT function and wake-up feature reduce power
consumption
· Plug and Play functions
· Minimal external components
· 6MHz crystal oscillator for system clock
· Interface compliant with ADNS-2051, ADNS-2610
and ADNS-2620
· Pass WHQL, USB-IF and EMC testing
· 20-pin DIP package
General Description
HT82M22A is a Plug and Play Windows 2000 and
5-button 3D USB+PS/2 Mouse controller. The
HT82M22A can support the USB Standard Request as
well as HID Class Request version 1.1. It is compatible
with Microsoft Intelli 3D PS/2 mouse. The Z-axis can
support two kinds of scroller input, namely; mechanical
and optomechanical. It requires minimal external com-
ponents to implement 3D USB plus PS/2 mouse. All its
features combined and make up this versatile Holtek
8-bit MCU with an on-chip USB interface logic. The
USB is specified by the
Universal Serial Bus Specifica-
tion V1.1.
U S B
T r a n s c e i v e r
U S B
R e c e i v e r
U S B
T r a n s m i t t e r
V o l t a g e
R e g u l a t o r
C l o c k
G e n e r a t o r
R C
R E S E T
R e g i s t e r
S e t
M a i n
S t a t e m a c h i n e
S u s p e n s i o n
C o n t r o l
U S B S e r i a l
I n t e r f a c e E n g i n e
( S I E )
a n d
C o n t r o l
L o g i c
H o l t e k
8 - b i t
M i c r o c o n t r o l l e r
F I F O s ´ 2
U S B D +
U S B D -
V 3 3 O
O S C 1
O S C 2
V D D
V S S


Similar Part No. - HT82M22

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HT82M21A HOLTEK-HT82M21A Datasheet
94Kb / 6P
3-Key 3D USBPS/2 Optical Mouse Controller
August 4, 2004
HT82M21A HOLTEK-HT82M21A Datasheet
114Kb / 6P
3-Key 3D USBPS/2 Optical Mouse Controller
September 15, 2005
HT82M21A HOLTEK-HT82M21A_05 Datasheet
114Kb / 6P
3-Key 3D USBPS/2 Optical Mouse Controller
September 15, 2005
HT82M23A HOLTEK-HT82M23A Datasheet
169Kb / 14P
3/5-Key USBPS/2 Optical Mouse Controller
January 22, 2007
HT82M23B HOLTEK-HT82M23B Datasheet
169Kb / 14P
3/5-Key USBPS/2 Optical Mouse Controller
January 22, 2007
More results

Similar Description - HT82M22

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HT82M980A HOLTEK-HT82M980A Datasheet
167Kb / 6P
5-Key 3D WIN2000 USBPS/2 Mouse Controller
February 10, 2003
HT82M30A HOLTEK-HT82M30A Datasheet
177Kb / 13P
3/5-Key 3D PS/2 Optical Mouse Controller
August 4, 2004
HT82M21A HOLTEK-HT82M21A Datasheet
94Kb / 6P
3-Key 3D USBPS/2 Optical Mouse Controller
August 4, 2004
HT82M32A HOLTEK-HT82M32A Datasheet
168Kb / 11P
3/5-Key 3D PS/2 Optical Mouse Controller
January 24, 2006
HT82M23A HOLTEK-HT82M23A Datasheet
169Kb / 14P
3/5-Key USBPS/2 Optical Mouse Controller
January 22, 2007
HT82M25X HOLTEK-HT82M25X Datasheet
144Kb / 13P
3/5-Key USBPS/2 Optical Mouse Controller
May 14, 2007
HT82M35X HOLTEK-HT82M35X Datasheet
104Kb / 7P
3/5-Key 3D PS/2 Optical Mouse Controller
May 30, 2007
HT82M98A HOLTEK-HT82M98A_06 Datasheet
99Kb / 7P
3-Key 3D USBPS/2 Mouse Controller
October 31, 2006
HT82M21A HOLTEK-HT82M21A_05 Datasheet
114Kb / 6P
3-Key 3D USBPS/2 Optical Mouse Controller
September 15, 2005
HT82M980A HOLTEK-HT82M980A_05 Datasheet
110Kb / 6P
5-Key 3D WIN2000 USBPS/2 Mouse Controller
June 9, 2005
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com