Electronic Components Datasheet Search
  English  ▼

X  

HT82M22A Datasheet(PDF) 2 Page - Holtek Semiconductor Inc

Part # HT82M22A
Description  5-Key 3D USBPS/2 Optical Mouse Controller
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT82M22A Datasheet(HTML) 2 Page - Holtek Semiconductor Inc

  HT82M22A Datasheet HTML 1Page - Holtek Semiconductor Inc HT82M22A Datasheet HTML 2Page - Holtek Semiconductor Inc HT82M22A Datasheet HTML 3Page - Holtek Semiconductor Inc HT82M22A Datasheet HTML 4Page - Holtek Semiconductor Inc HT82M22A Datasheet HTML 5Page - Holtek Semiconductor Inc HT82M22A Datasheet HTML 6Page - Holtek Semiconductor Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Pin Assignment
Pin Description
Pin No.
Pin Name
I/O
Description
1
VSS
¾ Negative power supply, ground
2
V33O
O
3.3V voltage output
3
USBD+/CLK
I/O USB data plus or PS2 Clock, F/W auto-detect USBD+ for USB, CLK for PS2
4
USBD
-/DATA
I/O USB data minus or PS2 Data, F/W auto-detect USB
- for USB, DATA for PS2
5
RESET
I
Chip reset input, low active
6, 9
SEL1
SEL0
I
Configuration selections
For ANDS 2051:
SEL0=0: 800DPI (default)
SEL0=1: 400DPI
SEL1=0: Z-axis is divided by 2 (default)
SEL1=1: Z-axis is divided by 4
For ANDS 2610/2620:
SEL1=0, SEL0=don
¢t care: Z-axis is divided by 2 (default)
SEL1=1, SEL0=0: Z-axis is divided by 4
7
SDIO
I/O Serial data for Agilent sensor IC SDIO
8
SCLK(PA5)
I
Serial data for Agilent sensor IC SCLK
10, 11
14, 15, 16
RB0, RB1
L, R, M
I
Click button detection. Input ports with 30k
W pull-high resistor.
Input ports with pull-high resistor. These pads can function as Left, Right, Middle,
B4 and B5 button input lines.
12, 13
Z1, Z2
I
Z-axis input supports two kinds of scroller input; optomechanical and mechanical.
17
LED
I/O Drives LED output
18
VDD
¾ 5V positive power supply
19
OSC2
O
6MHz OSC output
20
OSC1
I
6MHz OSC input
Absolute Maximum Ratings
Supply Voltage ..............................VSS
-0.3V to VSS+6V
Storage Temperature ............................
-50°Cto125°C
MCU Input Voltage.....................VSS
-0.3V to VDD+0.3V
Operating Temperature...........................
-25°Cto70°C
USB Input Voltage ....................VSS
-0.3V to V33O+0.3V
Note: These are stress ratings only. Stresses exceeding the range specified under
²Absolute Maximum Ratings² may
cause substantial damage to the device. Functional operation of this device at other conditions beyond those
listed in the specification is not implied and prolonged exposure to extreme conditions may affect device reliabil-
ity.
HT82M22A
Rev. 1.10
2
August 4, 2004
V S S
V 3 3 O
U S B D + / C L K
U S B D - / D A T A
R E S E T
S E L 1
S D I O
S C L K
S E L 0
R B 0
O S C 1
O S C 2
V D D
L E D
M
R
L
Z 2
Z 1
R B 1
H T 8 2 M 2 2 A
2 0 D I P - A
2 0
1 9
1 8
1 7
1 6
1 5
1 4
1 3
1 2
1 1
1
2
3
4
5
6
7
8
9
1 0



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com