Electronic Components Datasheet Search
  English  ▼

X  

SFH2504 Datasheet(PDF) 1 Page - OSRAM GmbH

Part # SFH2504
Description  Silicon PIN Photodiode with integrated Temperature Sensor Version 1.4
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

SFH2504 Datasheet(HTML) 1 Page - OSRAM GmbH

  SFH2504 Datasheet HTML 1Page - OSRAM GmbH SFH2504 Datasheet HTML 2Page - OSRAM GmbH SFH2504 Datasheet HTML 3Page - OSRAM GmbH SFH2504 Datasheet HTML 4Page - OSRAM GmbH SFH2504 Datasheet HTML 5Page - OSRAM GmbH SFH2504 Datasheet HTML 6Page - OSRAM GmbH SFH2504 Datasheet HTML 7Page - OSRAM GmbH SFH2504 Datasheet HTML 8Page - OSRAM GmbH SFH2504 Datasheet HTML 9Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
2016-08-05
1
2016-08-05
Silicon PIN Photodiode with integrated Temperature Sensor
Version 1.4
SFH 2504
Ordering Information
Features:
•
Especially suitable for applications from 740 nm to 1100 nm
•
5 mm LED plastic package
•
Integrated NTC thermistor, R
25=10kΩ
Applications
•
Temperature and light intensity measurement
Type:
Photocurrent
Ordering Code
I
P [µA]
VR = 5 V, λ = 870 nm, Ee = 1
mW/cm
2
SFH 2504 AN23
2.7 (≥ 1.9)
Q65110A3986


Similar Part No. - SFH2504

ManufacturerPart #DatasheetDescription
logo
ams AG
SFH2504 AMSCO-SFH2504 Datasheet
1Mb / 15P
Silicon PIN Photodiode with integrated Temperature Sensor
Version 1.6 2023-07-17
More results

Similar Description - SFH2504

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
BPW34FS OSRAM-BPW34FS Datasheet
394Kb / 13P
Silicon PIN Photodiode with Daylight Blocking Filter Version 1.4
BPW34FSR OSRAM-BPW34FSR Datasheet
394Kb / 13P
Silicon PIN Photodiode with Daylight Blocking Filter Version 1.4
BP-104-F OSRAM-BP-104-F Datasheet
213Kb / 9P
Silicon PIN Photodiode with Daylight Blocking Filter Version 1.4
BP-104-FS OSRAM-BP-104-FS Datasheet
371Kb / 13P
Silicon PIN Photodiode with Daylight Blocking Filter Version 1.4
BP-104-SR OSRAM-BP-104-SR Datasheet
434Kb / 13P
Silicon PIN Photodiode Version 1.4
BPW-34-FAS OSRAM-BPW-34-FAS Datasheet
395Kb / 13P
Silicon PIN Photodiode with Daylight Filter; in SMT Version 1.4
BPW-34-FS OSRAM-BPW-34-FS Datasheet
394Kb / 13P
Silicon PIN Photodiode with Daylight Blocking Filter Version 1.4
BPW-34-FSR OSRAM-BPW-34-FSR Datasheet
394Kb / 13P
Silicon PIN Photodiode with Daylight Blocking Filter Version 1.4
SFH-2504 OSRAM-SFH-2504 Datasheet
423Kb / 10P
Silicon PIN Photodiode with integrated Temperature Sensor
logo
ams AG
SFH2504 AMSCO-SFH2504 Datasheet
1Mb / 15P
Silicon PIN Photodiode with integrated Temperature Sensor
Version 1.6 2023-07-17
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com