Electronic Components Datasheet Search
  English  ▼

X  

203DMQ Datasheet(PDF) 1 Page - International Rectifier

Part # 203DMQ
Description  The 203DMQ Schottky rectifier doubler module series has been optimized for low reverse leakage at high temperature.
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

203DMQ Datasheet(HTML) 1 Page - International Rectifier

  203DMQ Datasheet HTML 1Page - International Rectifier 203DMQ Datasheet HTML 2Page - International Rectifier 203DMQ Datasheet HTML 3Page - International Rectifier 203DMQ Datasheet HTML 4Page - International Rectifier 203DMQ Datasheet HTML 5Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
I
F(AV) Rectangular
200
A
waveform
V
RRM range
80 and 100
V
I
FSM @ tp = 5 µs sine
16,000
A
V
F
@ 100Apk, T
J=125°C
0.70
V
(per leg)
T
J
range
- 55 to 175
°C
Characteristics
203DMQ... Units
Major Ratings and Characteristics
The 203DMQ Schottky rectifier doubler module series has
been optimized for low reverse leakage at high temperature.
The proprietary barrier technology allows for reliable opera-
tion up to 175 °C junction temperature. Typical applications
are in high current switching power supplies, plating power
supplies, UPS systems, converters, free-wheeling diodes,
welding, and reverse battery protection.
175 °C T
J operation
High purity, high temperature epoxy encapsulation for
enhanced mechanical strength and moisture resistance
Low forward voltage drop
High frequency operation
Guard ring for enhanced ruggedness and long term
reliability
Description/ Features
Modified JEDEC
Outline TO-244AB Isolated
Dimensions in millimeters and (inches)
200 Amp
203DMQ... SERIES
Bulletin PD-20579 rev. C 02/04
SCHOTTKY RECTIFIER
1
2
3
TO-244AB
isolated doubler
1
www.irf.com


Similar Part No. - 203DMQ

ManufacturerPart #DatasheetDescription
logo
Sangdest Microelectroni...
203DMQ SMC-203DMQ Datasheet
217Kb / 4P
SCHOTTKY RECTIFIER
logo
SMC Diode Solutions Co....
203DMQ SMCDIODE-203DMQ Datasheet
337Kb / 5P
SCHOTTKY RECTIFIER
Rev. B
logo
International Rectifier
203DMQ080 IRF-203DMQ080 Datasheet
83Kb / 5P
Schottky Rectifier
logo
Sangdest Microelectroni...
203DMQ080 SMC-203DMQ080 Datasheet
217Kb / 4P
SCHOTTKY RECTIFIER
logo
SMC Diode Solutions Co....
203DMQ080 SMCDIODE-203DMQ080 Datasheet
337Kb / 5P
SCHOTTKY RECTIFIER
Rev. B
More results

Similar Description - 203DMQ

ManufacturerPart #DatasheetDescription
logo
International Rectifier
163CNQ100 IRF-163CNQ100 Datasheet
120Kb / 6P
The 163CNQ isolated center tap Schottky rectifier module series has been optimized for low reverse leakage at high temperature
logo
Kersemi Electronic Co.,...
MBR4045CT KERSEMI-MBR4045CT Datasheet
2Mb / 5P
This center tap Schottky rectifier has been optimized for low reverse leakage at high temperature.
logo
International Rectifier
153CNQ IRF-153CNQ Datasheet
68Kb / 4P
The 153CNQ... non-isolated, center tap Schottky rectifier module series has been optimized low reverse leakage at high temperature. The proprietary barrier technology allows for reliable operation up to 175째 C junction temperature.
163CMQ IRF-163CMQ Datasheet
105Kb / 5P
The 163CMQ isolated center tap Schottky rectifier module series has been optimized for low reverse leakage at high temperature.
163CNQ IRF-163CNQ Datasheet
126Kb / 6P
The 163CNQ isolated center tap Schottky rectifier module series has been optimized for low reverse leakage at high temperature.
203CMQ IRF-203CMQ Datasheet
147Kb / 5P
The 203CMQ high current Schottky rectifier module series has been optimized for low reverse leakage at high temperature.
203CNQ IRF-203CNQ Datasheet
172Kb / 5P
The 203CNQ... (R) center tap Schottky rectifier module series has been optimized for low reverse leakage at high temperature.
203DNQ IRF-203DNQ Datasheet
74Kb / 5P
The 203DNQ Schottky rectifier doubler module series has been optimized for low reverse leakage at high temperature.
400DMQ IRF-400DMQ Datasheet
71Kb / 5P
The 400DMQ high current, Schottky rectifier doubler module series has been optimized for very low forward voltage drop, with moderate leakage.
409DMQ IRF-409DMQ Datasheet
72Kb / 5P
The 409DMQ Schottky rectifier doubler module series has been optimized for low reverse leakage at high temperature.
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com