Electronic Components Datasheet Search
  English  ▼

X  

203DNQ Datasheet(PDF) 4 Page - International Rectifier

Part # 203DNQ
Description  The 203DNQ Schottky rectifier doubler module series has been optimized for low reverse leakage at high temperature.
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

203DNQ Datasheet(HTML) 4 Page - International Rectifier

  203DNQ Datasheet HTML 1Page - International Rectifier 203DNQ Datasheet HTML 2Page - International Rectifier 203DNQ Datasheet HTML 3Page - International Rectifier 203DNQ Datasheet HTML 4Page - International Rectifier 203DNQ Datasheet HTML 5Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
203DNQ... Series
4
Bulletin PD-20580 rev. B 10/02
www.irf.com
Fig.7-Max. Non-Repetitive Surge Current (PerLeg)
Fig.5-Max. Allowable CaseTemperature
Vs. Average Forward Current (PerLeg)
Fig. 8 - Unclamped Inductive Test Circuit
Fig.6-Forward Power Loss Characteristics
(PerLeg)
FREE-WHEEL
DIODE
40HFL40S02
CURRENT
MONITOR
HIGH-SPEED
SWITCH
IRFP460
L
DUT
Rg = 25 ohm
Vd = 25 Volt
+
(2) Formula used: T
C
= T
J
- (Pd + Pd
REV
) x R
thJC
;
Pd = Forward Power Loss = I
F(AV)
x V
FM
@ (I
F(AV) /
D) (see Fig. 6);
Pd
REV
= Inverse Power Loss = V
R1
x I
R
(1 - D); I
R
@ V
R1
= 80% rated V
R
AverageForwardCurrent-I
F(AV)
(A)
Average Forward Current - I
F(AV)
(A)
Square Wave Pulse Duration - t
p
(microsec)
1000
10000
00000
10
100
1000
10000
At Any Rated Load Condition
And With Rated Vrrm Applied
Following Surge
0
50
00
50
00
50
0
50
100
150
200
250
300
DC
RMS Limit
D = 0.75
D = 0.50
D = 0.33
D = 0.25
D = 0.20
120
130
140
150
160
170
180
0
50
100
150
200
250
300
DC
80% Square Wave
(D = 0.50)
see note (2)



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com