Electronic Components Datasheet Search
  English  ▼

X  

IRFS7540PbF Datasheet(PDF) 2 Page - International Rectifier

Part # IRFS7540PbF
Description  Brushed Motor drive applications
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRFS7540PbF Datasheet(HTML) 2 Page - International Rectifier

  IRFS7540PbF Datasheet HTML 1Page - International Rectifier IRFS7540PbF Datasheet HTML 2Page - International Rectifier IRFS7540PbF Datasheet HTML 3Page - International Rectifier IRFS7540PbF Datasheet HTML 4Page - International Rectifier IRFS7540PbF Datasheet HTML 5Page - International Rectifier IRFS7540PbF Datasheet HTML 6Page - International Rectifier IRFS7540PbF Datasheet HTML 7Page - International Rectifier IRFS7540PbF Datasheet HTML 8Page - International Rectifier IRFS7540PbF Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
 
IRFB/S/SL7540PbF
2
www.irf.com
© 2014 International Rectifier
Submit Datasheet Feedback
November 6, 2014
Absolute Maximum Rating
Symbol
Parameter
Max.
Units
ID @ TC = 25°C
Continuous Drain Current, VGS @ 10V
110
ID @ TC = 100°C
Continuous Drain Current, VGS @ 10V
80
A
IDM
Pulsed Drain Current 
430
 
PD @TC = 25°C
Maximum Power Dissipation
160
W
Linear Derating Factor
1.1
W/°C
VGS
Gate-to-Source Voltage
± 20
V
TJ
TSTG
Operating Junction and
Storage Temperature Range
-55 to + 175  
°C  
Soldering Temperature, for 10 seconds (1.6mm from case)
300
Mounting Torque, 6-32 or M3 Screw
10 lbf·in (1.1 N·m)
 
Avalanche Characteristics 
EAS (Thermally limited)
Single Pulse Avalanche Energy 
180
mJ
EAS (Thermally limited)
Single Pulse Avalanche Energy 
313
IAR
Avalanche Current 
See Fig 15, 16, 23a, 23b
A
EAR
Repetitive Avalanche Energy 
mJ
Thermal Resistance  
Symbol
Parameter
Typ.
Max.
Units
RJC
Junction-to-Case 
–––
0.95
°C/W  
RCS
Case-to-Sink, Flat Greased Surface (TO-220)
0.50
–––
RJA
Junction-to-Ambient (TO-220)
–––
62
RJA
Junction-to-Ambient (PCB Mount) (D2Pak) 
–––
40
Static @ TJ = 25°C (unless otherwise specified)
Symbol
Parameter
Min. Typ. Max. Units
Conditions
V(BR)DSS
Drain-to-Source Breakdown Voltage
60
–––
–––
V
VGS = 0V, ID = 250µA
V(BR)DSS/TJ Breakdown Voltage Temp. Coefficient
–––
48
––– mV/°C Reference to 25°C, ID = 1mA
RDS(on)
Static Drain-to-Source On-Resistance
–––
4.2
5.1
m
 VGS = 10V, ID = 65A 
VGS(th)
Gate Threshold Voltage
2.1
–––
3.7
V
VDS = VGS, ID = 100µA
IDSS
Drain-to-Source Leakage Current
–––
–––
1.0
µA
VDS = 60V, VGS = 0V
–––
–––
150
VDS = 60V,VGS = 0V,TJ =125°C
IGSS
Gate-to-Source Forward Leakage
–––
–––
100
nA
VGS = 20V
Gate-to-Source Reverse Leakage
–––
–––
-100
VGS = -20V
RG
Gate Resistance
–––
2.2
–––

–––
5.4
–––
VGS = 6.0V, ID = 33A 
Notes:

Repetitive rating; pulse width limited by max. junction temperature.
Limited by TJmax, starting TJ = 25°C, L = 86µH, RG = 50, IAS = 65A, VGS =10V.

ISD  65A, di/dt  1130A/µs, VDD  V(BR)DSS, TJ 175°C.

Pulse width
 400µs; duty cycle  2%.
Coss eff. (TR) is a fixed capacitance that gives the same charging time as Coss while VDS is rising from 0 to 80% VDSS.
Coss eff. (ER) is a fixed capacitance that gives the same energy as Coss while VDS is rising from 0 to 80% VDSS.
Ris measured at TJ approximately 90°C.

When mounted on 1" square PCB (FR-4 or G-10 Material). For recommended footprint and soldering techniques
refer to application note #AN-994: http://www.irf.com/technical-info/appnotes/an-994.pdf
Limited by TJmax, starting TJ = 25°C, L = 1mH, RG = 50, IAS = 25A, VGS =10V.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com