Electronic Components Datasheet Search
  English  ▼

X  

IRFSL7787PbF Datasheet(PDF) 3 Page - International Rectifier

Part # IRFSL7787PbF
Description  Brushed Motor drive applications
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRFSL7787PbF Datasheet(HTML) 3 Page - International Rectifier

  IRFSL7787PbF Datasheet HTML 1Page - International Rectifier IRFSL7787PbF Datasheet HTML 2Page - International Rectifier IRFSL7787PbF Datasheet HTML 3Page - International Rectifier IRFSL7787PbF Datasheet HTML 4Page - International Rectifier IRFSL7787PbF Datasheet HTML 5Page - International Rectifier IRFSL7787PbF Datasheet HTML 6Page - International Rectifier IRFSL7787PbF Datasheet HTML 7Page - International Rectifier IRFSL7787PbF Datasheet HTML 8Page - International Rectifier IRFSL7787PbF Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
IRFB/S/SL7787PbF
3
www.irf.com
© 2015 International Rectifier
Submit Datasheet Feedback
April 22, 2015
Dynamic Electrical Characteristics @ TJ = 25°C (unless otherwise specified)
Symbol
Parameter
Min.
Typ.
Max. Units
Conditions
gfs
Forward Transconductance
154
–––
–––
S
VDS = 10V, ID =46A
Qg
Total Gate Charge
–––
73
109
ID = 46A
nC
Qgs
Gate-to-Source Charge
–––
18
–––
VDS = 38V
Qgd
Gate-to-Drain Charge
–––
23
–––
VGS = 10V
Qsync
Total Gate Charge Sync. (Qg– Qgd)
–––
50
–––
td(on)
Turn-On Delay Time
–––
11
–––
ns
VDD = 38V
tr
Rise Time
–––
48
–––
ID = 46A
td(off)
Turn-Off Delay Time
–––
51
–––
RG= 2.7
tf
Fall Time
–––
39
–––
VGS = 10V
Ciss
Input Capacitance
–––
4020
–––
pF
VGS = 0V
Coss
Output Capacitance
–––
330
–––
VDS = 25V
Crss
Reverse Transfer Capacitance
–––
205
–––
ƒ = 1.0MHz, See Fig.7
Coss eff.(ER)
Effective Output Capacitance
(Energy Related)
–––
295
–––
VGS = 0V, VDS = 0V to 60V
Coss eff.(TR)
Output Capacitance (Time Related)
–––
380
–––
VGS = 0V, VDS = 0V to 60V
Diode Characteristics
Symbol
Parameter
Min.
Typ.
Max. Units
Conditions
IS
Continuous Source Current
–––
–––
76
A
MOSFET symbol
(Body Diode)
showing the
ISM
Pulsed Source Current
–––
–––
280
integral reverse
(Body Diode) 
p-n junction diode.
VSD
Diode Forward Voltage
–––
–––
1.2
V
TJ = 25°C,IS = 46A,VGS = 0V 
dv/dt
Peak Diode Recovery dv/dt
–––
10
–––
V/ns TJ = 175°C,IS =46A,VDS = 75V
trr
Reverse Recovery Time
–––
33
–––
ns
TJ = 25°C
VDD = 64V
–––
39
–––
TJ = 125°C
IF = 46A,
Qrr
Reverse Recovery Charge
–––
42
–––
nC
TJ = 25°C
di/dt = 100A/µs 
–––
61
–––
TJ = 125°C
IRRM
Reverse Recovery Current
–––
2.2
–––
A
TJ = 25°C
D
S
G



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com