Electronic Components Datasheet Search
  English  ▼

X  

IRPLMB1E Datasheet(PDF) 8 Page - International Rectifier

Part # IRPLMB1E
Description  Programmable run frequency
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRPLMB1E Datasheet(HTML) 8 Page - International Rectifier

Back Button IRPLMB1E Datasheet HTML 4Page - International Rectifier IRPLMB1E Datasheet HTML 5Page - International Rectifier IRPLMB1E Datasheet HTML 6Page - International Rectifier IRPLMB1E Datasheet HTML 7Page - International Rectifier IRPLMB1E Datasheet HTML 8Page - International Rectifier IRPLMB1E Datasheet HTML 9Page - International Rectifier IRPLMB1E Datasheet HTML 10Page - International Rectifier IRPLMB1E Datasheet HTML 11Page - International Rectifier IRPLMB1E Datasheet HTML 12Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 13 page
background image
8
www.irf.com
IRPLMB1E
Fig. 7.4 shows pin VCO and pin VS (HB Voltage) at
the shutdown with a shorter time scale. The FMIN
pin can be used as trigger as this pin transitions
from 5V to COM when the IC enters fault mode or
UVLO-.
Fig. 7.3:
3 is the voltage in pin VCO and 2 is pin VS
Fig. 7.4:
1 is the voltage in pin FMIN, 3 is the voltage in pin
VCO, 2 is pin VS
7.3. Low AC line Protection
As you can see from figure 7.5, varying the AC line
from 220V to 130VAC the ZVMCS circuit of the IR2520
increases automatically the frequency to maintain
ZVS.
When the mains voltage decreases, the resonant
frequency increases, becoming close to the run
frequency. This will cause non-ZVS. The IR2520
will detect non-ZVS and increase the frequency
continuously as long as non-ZVS is detected. This
will protect the half-bridge MOSFETs against
hard-switching.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com