Electronic Components Datasheet Search
  English  ▼

X  

PVD33N Datasheet(PDF) 2 Page - International Rectifier

Part # PVD33N
Description  Bounce-Free Operation
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

PVD33N Datasheet(HTML) 2 Page - International Rectifier

  PVD33N Datasheet HTML 1Page - International Rectifier PVD33N Datasheet HTML 2Page - International Rectifier PVD33N Datasheet HTML 3Page - International Rectifier PVD33N Datasheet HTML 4Page - International Rectifier PVD33N Datasheet HTML 5Page - International Rectifier PVD33N Datasheet HTML 6Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Series PVD33N & PbF
www.irf.com
2
INPUT CHARACTERISTICS
PVD2352N
PVD3354N
Units
Minimum Control Current
(see figures 1 and 2)
DC
For 250mA Continuous Load Current
2
mA@25°C
For 240mA Continuous Load Current
5
mA@40°C
For 200mA Continuous Load Current
5
mA@85°C
Maximum Control Current for Off-State Resistance at 25°C
10
µA(DC)
Control Current Range (Caution: current limit input LED. See figure 6)
2.0 to 25
mA(DC)
Maximum Reverse Voltage
6.0
V(DC)
Electrical Specifications (-40
°C ≤ T
A ≤ +85°C unless otherwise specified)
GENERAL CHARACTERISTICS
(PVD2352N and PVD3354N)
Units
Dielectric Strength: Input-Output
4000
VRMS
Insulation Resistance: Input-Output @ 90VDC
1012 @ 25°C - 50% RH
Ω
Maximum Capacitance: Input-Output
1.0
pF
Max. Pin Soldering Temperature
(1.6mm below seating plane, 10 seconds max.)
+260
Ambient Temperature Range:
Operating
-40 to +85
°C
Storage
-40 to +100
OUTPUT CHARACTERISTICS
PVD2352N
PVD3354N
Units
Operating Voltage Range
200
300
V(peak)
Maxiumum Load Current 40°C I LED 5mA
240
mA(DC)
Response Time @25°C (see figures 7 and 8)
Max. T(on) @ 12mA Control, 50 mA Load, 100 VDC
100
µs
Max. T(off) @ 12mA Control, 50 mA Load, 100 VDC
110
µs
Max. On-state Resistance 25°C (Pulsed) (fig. 4) 50 mA Load, 5mA Control
6
Ω
Min. Off-state Resistance 25°C (see figure 5)
108 @ 160VDC
1010 @ 240VDC
Ω
Max. Thermal Offset Voltage @ 5.0mA Control
0.2
µvolts
Min. Off-State dv/dt
1000
V/µs
Typical Output Capacitance (see figure 9)
10
pF @ 50VDC
International Rectifier does not recommend the use of this product in aerospace, avionics, military or life support applications.
Users of this International Rectifier product in such applications assume all risks of such use and indemnify International
Rectifier against all damages resulting from such use.
PDF created with pdfFactory Pro trial version www.pdffactory.com



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com