Electronic Components Datasheet Search
  English  ▼

X  

PCSFW104B Datasheet(PDF) 1 Page - Allied Components International

Part # PCSFW104B
Description  SMD Shielded Flat Wire Power Choke
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLIED [Allied Components International]
Direct Link  http://www.alliedcomponents.com
Logo ALLIED - Allied Components International

PCSFW104B Datasheet(HTML) 1 Page - Allied Components International

  PCSFW104B Datasheet HTML 1Page - Allied Components International  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
SMD Shielded Flat Wire Power Choke
15
ALLIED COMPONENTS INTERNATIONAL
949-356-1780
www.alliedcomponents.com
RoHS
REVISED 10/03/2017
Features
•Magnetically Shielded Construction
•Ultra High Saturation Current up to 90A
•Low DC Resistance
•Expanded operating temp range
•Suitable for pick and place
Electrical
Inductance Range: 0.19µH to 10µH
Tolerance: 20% over entire range
Test Frequency: 100KHz, 0.25V
Operating Temp: -55ºC to +125ºC
Irms: Current at which the temperature
would rise by approximately 40°C
Isat: Current at which The Inductance will
drop by approximately 25%
Under no condition should the part exceed
125°C
Solderability: 230ºC ±5°C for 4 ±1 sec.
Solder Heat Resistance: 260ºC ±5ºC for
10 ±1 sec.
Test Equipment
(L): HP4284A LCR meter
DCR: Milli-ohm meter
Resistance to Soldering Heat
Physical
Packaging: 1000pcs per 13 inch reel
Marking: EIA Inductance Code
All specifications subject to change without notice.
Allied
Part
Number
Inductance
(µH)
Irms
(A)
Test
Frequency
(KHz, 0.25V)
Tolerance
(±%)
DCR
(mΩ)
Max
40.0
40.0
31.5
26.0
27.5
23.0
17.5
15.0
12.0
10.0
9.5
8.5
8.0
6.8
Isat
(A)
Typ
Typ
PCSFW104B
PCSFW104B-R19M
PCSFW104B-R22M
PCSFW104B-R36M
PCSFW104B-R47M
PCSFW104B-R56M
PCSFW104B-R68M
PCSFW104B-1R0M
PCSFW104B-1R5M
PCSFW104B-2R2M
PCSFW104B-3R3M
PCSFW104B-4R7M
PCSFW104B-5R6M
PCSFW104B-6R8M
PCSFW104B-100M
0.19
0.22
0.36
0.47
0.56
0.68
1.0
1.5
2.2
3.3
4.7
5.6
6.8
10
20
20
20
20
20
20
20
20
20
20
20
20
20
20
100
100
100
100
100
100
100
100
100
100
100
100
100
100
0.95
0.95
1.40
1.60
1.80
2.40
4.10
5.80
9.00
11.80
16.50
19.30
23.30
36.50
90.0
90.0
60.0
38.0
49.0
42.0
36.0
27.5
25.6
18.6
17.0
16.0
13.5
12.0
100
A
B
C
D
E
F
G
H
10.4 Max
4.0 Max
2.0 ±0.5
4.0
11.5 Max
2.9 ±0.5
3.5
6.0
230
200
150
60 - 120 Sec
Time (Sec)
Preheating
Soldering
Cooling
Peak: 245°C ±5 °C, 5 ±0.5 Sec
230°C or more 30-60 Sec
Recommended Reflow Solder Profile
Dimensions: (mm)


Similar Part No. - PCSFW104B

ManufacturerPart #DatasheetDescription
logo
Allied Components Inter...
PCSFW189 ALLIED-PCSFW189 Datasheet
1Mb / 1P
Shielded Power Choke Flat Wire
PCSFW189-100M ALLIED-PCSFW189-100M Datasheet
1Mb / 1P
Shielded Power Choke Flat Wire
PCSFW189-150M ALLIED-PCSFW189-150M Datasheet
1Mb / 1P
Shielded Power Choke Flat Wire
PCSFW189-1R9M ALLIED-PCSFW189-1R9M Datasheet
1Mb / 1P
Shielded Power Choke Flat Wire
PCSFW189-220M ALLIED-PCSFW189-220M Datasheet
1Mb / 1P
Shielded Power Choke Flat Wire
More results

Similar Description - PCSFW104B

ManufacturerPart #DatasheetDescription
logo
Frontier Electronics.
CSH1260ER FRONTIER-CSH1260ER Datasheet
132Kb / 1P
SMD Power Choke (Shielded)
CSN0410H FRONTIER-CSN0410H Datasheet
158Kb / 2P
SMD Power Choke (Shielded)
logo
Allied Components Inter...
PCSFW189 ALLIED-PCSFW189 Datasheet
1Mb / 1P
Shielded Power Choke Flat Wire
FWPQ2616 ALLIED-FWPQ2616 Datasheet
3Mb / 1P
Flat Wire SMD Power Inductor
FWECY1390 ALLIED-FWECY1390 Datasheet
688Kb / 1P
Shielded Flat Wire Power Inductor
FWPQ2617S-330K ALLIED-FWPQ2617S-330K Datasheet
3Mb / 1P
Flat Wire SMD Power Inductor
PCSFW420 ALLIED-PCSFW420 Datasheet
630Kb / 1P
SMD Shielded Flat Wire Power Choke
PCSFW530 ALLIED-PCSFW530 Datasheet
618Kb / 1P
SMD Shielded Flat Wire Power Choke
PCSFW630 ALLIED-PCSFW630 Datasheet
653Kb / 1P
SMD Shielded Flat Wire Power Choke
PCSFW630B ALLIED-PCSFW630B Datasheet
624Kb / 1P
SMD Shielded Flat Wire Power Choke
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com