Electronic Components Datasheet Search
  English  ▼

X  

PCXA402 Datasheet(PDF) 2 Page - Allied Components International

Part # PCXA402
Description  Shielded High Current Power Choke
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLIED [Allied Components International]
Direct Link  http://www.alliedcomponents.com
Logo ALLIED - Allied Components International

PCXA402 Datasheet(HTML) 2 Page - Allied Components International

  PCXA402 Datasheet HTML 1Page - Allied Components International PCXA402 Datasheet HTML 2Page - Allied Components International PCXA402 Datasheet HTML 3Page - Allied Components International  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Shielded High Current Power Choke
PCXA402
15
ALLIED COMPONENTS INTERNATIONAL
949-356-1780
www.alliedcomponents.com
RoHS
04/13/2017
PAGE 2 OF 3
Typical Performance Curves
0
9
18
27
36
45
DC CURRENT(A)
0
0.03
0.06
0.09
0.12
0.15
0
10
20
30
40
50
60
PCXA402-R10
0
4.8
9.6
14.4
19.2
24
DC CURRENT(A)
0
0.07
0.14
0.21
0.28
0.35
0
10
20
30
40
50
60
PCXA402-R22
0
4
8
12
16
20
DC CURRENT(A)
0
0.11
0.22
0.33
0.44
0.55
0
10
20
30
40
50
60
PCXA402-R36
0
3.6
7.2
10.8
14.4
18
DC CURRENT(A)
0
0.13
0.26
0.39
0.52
0.65
0
10
20
30
40
50
60
PCXA402-R40
0
3.6
7.2
10.8
14.4
18
DC CURRENT(A)
0
0.18
0.36
0.54
0.72
0.9
0
10
20
30
40
50
60
PCXA402-R56
0
3
6
9
12
15
DC CURRENT(A)
0
0.2
0.4
0.6
0.8
1
0
12
24
36
48
60
PCXA402-R60
0
3
6
9
12
15
DC CURRENT(A)
0
0.24
0.48
0.72
0.96
1.2
0
10
20
30
40
50
PCXA402-R72
0
2.8
5.6
8.4
11.2
14
DC CURRENT(A)
0
0.34
0.68
1.02
1.36
1.7
0
12
24
36
48
60
PCXA402-1R0
0
2.8
5.6
8.4
11.2
14
DC CURRENT(A)
0
0.4
0.8
1.2
1.6
2
0
12
24
36
48
60
PCXA402-1R2
0
2
46
8
10
DC CURRENT(A)
0
0.5
1
1.5
2
2.5
0
12
24
36
48
60
PCXA402-1R5
0
2
46
8
10
DC CURRENT(A)
0
0.6
1.2
1.8
2.4
3
0
16
32
48
64
80
PCXA402-1R8
0
2
46
8
10
DC CURRENT(A)
0
0.7
1.4
2.1
2.8
3.5
0
16
32
48
64
80
PCXA402-2R2



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com