Electronic Components Datasheet Search
  English  ▼

X  

SCM10S Datasheet(PDF) 1 Page - Allied Components International

Part # SCM10S
Description  SMD Wirewound Common Mode Filter
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLIED [Allied Components International]
Direct Link  http://www.alliedcomponents.com
Logo ALLIED - Allied Components International

SCM10S Datasheet(HTML) 1 Page - Allied Components International

  SCM10S Datasheet HTML 1Page - Allied Components International SCM10S Datasheet HTML 2Page - Allied Components International SCM10S Datasheet HTML 3Page - Allied Components International SCM10S Datasheet HTML 4Page - Allied Components International  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
RoHS
ALLIED COMPONENTS INTERNATIONAL
949-356-1780
www.alliedcomponents.com
.047±.008
(1.2±0.2)
Recommended PCB Layout
REVISED 10/03/2017
Test Equipment
Z (Common Mode): Agilent 4291A+,
Agilent 16197A
DCR: Agilent 4338B
IR: Agilent 4339
Physical
Packaging: 2000 pcs 7 inch reel
Marking: None
Solderability Test
Preheat: 150°C, 60 sec.
Solder: Sn96.5%, Ag3%, Cu0.5%
Temperature: 245 ±5°C
Flux for Lead Free: Rosin 9.5%
Dip Time: 4 ±1 sec
Depth: Completey cover the
termination
Electrical
Impedance range: 67-360Ω
Tolerance: 25% over entire range
Test Frequency: 100MHz
Withstand Voltage: 125Vdc Max
Operating Temp: -40ºC to +125ºC
Rated Current: ▲T 20ºC Max
Features
• Minature SMD common mode filter
• Excellent noise attenuation in a small
package
• Suitable for automated assembly
• SCM series offers wide impedance
range
• Excellent solderability
• MSL Level 1
Allied
Part
Number
Rated
Volt. (Vdc)
Max
Rated
Current
(mA) Max
Common Mode
Impedance
(Ω) ±25%
DC
Resistance
(Ω)
Max
Test
Frequency
(MHz)
SCM10S-670
SCM10S-900
SCM10S-121
SCM10S-161
SCM10S-181
SCM10S-201
SCM10S-221
SCM10S-261
SCM10S-361
IR
(Ω)
Min.
Schematic
SCM10S
SMD Wirewound Common Mode Filter
67
90
120
160
180
200
220
260
360
100
100
100
100
100
100
100
100
100
0.25
0.30
0.30
0.35
0.35
0.40
0.40
0.40
0.50
400
400
400
350
350
300
300
300
300
50
50
50
50
50
50
50
50
50
125
125
125
125
125
125
125
125
125
10M
10M
10M
10M
10M
10M
10M
10M
10M
Dimensions: inch
(mm)
.047±.008
(1.2±0.2)
.078±.008
(2.0±0.2)
.018±.004
(0.46±0.1)
.021±.004
(0.55±0.1)
.018±.004
(0.46±0.1)
.021±.004
(0.55±0.1)
1
4
3
2
.017
(0.45)
.102
(2.60)
.043
(1.10)
.049
(1.25)
1
4
2
3
Withstand
Volt. (Vdc)
Max
Reflow times: 3 times max.
60~180s
60~150s
217
150
TIME( sec.)
200
25
480s max.
tp(245° C / 20~40s.)
PRE-HEATING
Reflow Soldering
SOLDERING
NATURAL
COOLING
TP(260℃ / 10s max.)


Similar Part No. - SCM10S

ManufacturerPart #DatasheetDescription
logo
Allied Components Inter...
SCM10 ALLIED-SCM10 Datasheet
1Mb / 1P
USB 2.0 Common Mode Choke
SCM10-121M-RC ALLIED-SCM10-121M-RC Datasheet
1Mb / 1P
Surface Mount Common Mode Choke
SCM10-121M-RC ALLIED-SCM10-121M-RC Datasheet
1Mb / 1P
USB 2.0 Common Mode Choke
SCM10-121M-RC ALLIED-SCM10-121M-RC Datasheet
1Mb / 1P
USB 2.0 Common Mode Choke
SCM10-161M-RC ALLIED-SCM10-161M-RC Datasheet
1Mb / 1P
Surface Mount Common Mode Choke
More results

Similar Description - SCM10S

ManufacturerPart #DatasheetDescription
logo
TOKO, Inc
NT2012 TOKO-NT2012 Datasheet
344Kb / 4P
WIREWOUND COMMON MODE FILTER
NT2012F TOKO-NT2012F Datasheet
227Kb / 4P
WIREWOUND COMMON MODE FILTER
logo
Superworld Electronics
W4F300-RD-10 SUPERWORLD-W4F300-RD-10 Datasheet
371Kb / 9P
WIREWOUND TYPE COMMON MODE FILTER
W3F900-RD-10 SUPERWORLD-W3F900-RD-10 Datasheet
283Kb / 6P
WIREWOUND TYPE COMMON MODE FILTER
logo
Allied Components Inter...
SCM30F ALLIED-SCM30F Datasheet
341Kb / 1P
SMD Wirewound Common Mode Filter
logo
Superworld Electronics
W3NL670-RD-10 SUPERWORLD-W3NL670-RD-10 Datasheet
1Mb / 7P
WIREWOUND TYPE Common Mode Filter
W2012F500-RD-10 SUPERWORLD-W2012F500-RD-10 Datasheet
428Kb / 9P
WIREWOUND TYPE COMMON MODE FILTER
WAQ7FN110-RB-10 SUPERWORLD-WAQ7FN110-RB-10 Datasheet
420Kb / 6P
Wirewound Type Common Mode Filter
W1210F500-RB-10 SUPERWORLD-W1210F500-RB-10 Datasheet
432Kb / 9P
WIREWOUND TYPE COMMON MODE FILTER
logo
Allied Components Inter...
SCM30S ALLIED-SCM30S Datasheet
1Mb / 1P
SMD Wirewound Common Mode Filter
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com